Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LS8252 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89LS8252
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS8252 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89LS8252 Datasheet HTML 3Page - ATMEL Corporation AT89LS8252 Datasheet HTML 4Page - ATMEL Corporation AT89LS8252 Datasheet HTML 5Page - ATMEL Corporation AT89LS8252 Datasheet HTML 6Page - ATMEL Corporation AT89LS8252 Datasheet HTML 7Page - ATMEL Corporation AT89LS8252 Datasheet HTML 8Page - ATMEL Corporation AT89LS8252 Datasheet HTML 9Page - ATMEL Corporation AT89LS8252 Datasheet HTML 10Page - ATMEL Corporation AT89LS8252 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AT89LS8252
4-143
Dual Data Pointer Registers To facilitate accessing both
internal EEPROM and external data memory, two banks of
16 bit Data Pointer Registers are provided: DP0 at SFR
address locations 82H-83H and DP1 at 84H-85H. Bit DPS
= 0 in SFR WMCON selects DP0 and DPS = 1 selects
DP1. The user should always initialize the DPS bit to the
appropriate value before accessing the respective Data
Pointer Register.
Power Off Flag The Power Off Flag (POF) is located at
bit_4 (PCON.4) in the PCON SFR. POF is set to “1” during
power up. It can be set and reset under software control
and is not affected by RESET.
Table 3. WMCON—Watchdog and Memory Control Register
WMCON Address = 96H
Reset Value = 0000 0010B
PS2
PS1
PS0
EEMWE
EEMEN
DPS
WDTRST
WDTEN
Bit
7
6
54321
0
Symbol
Function
PS2
PS1
PS0
Prescaler Bits for the Watchdog Timer. When all three bits are set to “0”, the watchdog timer has a nominal
period of 16 ms. When all three bits are set to “1”, the nominal period is 2048 ms.
EEMWE
EEPROM Data Memory Write Enable Bit. Set this bit to “1” before initiating byte write to on-chip EEPROM
with the MOVX instruction. User software should set this bit to “0” after EEPROM write is completed.
EEMEN
Internal EEPROM Access Enable. When EEMEN = 1, the MOVX instruction with DPTR will access on-chip
EEPROM instead of external data memory. When EEMEN = 0, MOVX with DPTR accesses external data
memory.
DPS
Data Pointer Register Select. DPS = 0 selects the first bank of Data Pointer Register, DP0, and DPS = 1
selects the second bank, DP1
WDTRST
RDY/BSY
Watchdog Timer Reset and EEPROM Ready/Busy Flag. Each time this bit is set to “1” by user software, a
pulse is generated to reset the watchdog timer. The WDTRST bit is then automatically reset to “0” in the
next instruction cycle. The WDTRST bit is Write-Only. This bit also serves as the RDY/BSY flag in a Read-
Only mode during EEPROM write. RDY/BSY = 1 means that the EEPROM is ready to be programmed.
While programming operations are being executed, the RDY/BSY bit equals “0” and is automatically reset to
“1” when programming is completed.
WDTEN
Watchdog Timer Enable Bit. WDTEN = 1 enables the watchdog timer and WDTEN = 0 disables the
watchdog timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com