Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LS53-12PI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89LS53-12PI
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53-12PI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89LS53-12PI Datasheet HTML 4Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 5Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 6Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 7Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 8Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 9Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 10Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 11Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
AT89LS53
4-256
Table 4. SPCR—SPI Control Register
SPCR Address = D5H
Reset Value = 0000 01XXB
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
Bit
76543
210
Symbol
Function
SPIE
SPI Interrupt Enable. This bit, in conjunction with the ES bit in the IE register, enables SPI interrupts: SPIE
= 1 and ES = 1 enable SPI interrupts. SPIE = 0 disables SPI interrupts.
SPE
SPI Enable. SPI = 1 enables the SPI channel and connects SS, MOSI, MISO and SCK to pins P1.4, P1.5,
P1.6, and P1.7. SPI = 0 disables the SPI channel.
DORD
Data Order. DORD = 1 selects LSB first data transmission. DORD = 0 selects MSB first data transmission.
MSTR
Master/Slave Select. MSTR = 1 selects Master SPI mode. MSTR = 0 selects Slave SPI mode.
CPOL
Clock Polarity. When CPOL = 1, SCK is high when idle. When CPOL = 0, SCK of the master device is low
when not transmitting. Please refer to figure on SPI Clock Phase and Polarity Control.
CPHA
Clock Phase. The CPHA bit together with the CPOL bit controls the clock and data relationship between
master and slave. Please refer to figure on SPI Clock Phase and Polarity Control.
SPR0
SPR1
SPI Clock Rate Select. These two bits control the SCK rate of the device configured as master. SPR1 and
SPR0 have no effect on the slave. The relationship between SCK and the oscillator frequency, FOSC., is as
follows:
SPR1
SPR0
SCK = FOSC. divided by
00
4
01
16
10
64
11
128
Table 5. SPSR—SPI Status Register
SPSR Address = AAH
Reset Value = 00XX XXXXB
SPIF
WCOL
———
———
Bit
76543
210
Symbol
Function
SPIF
SPI Interrupt Flag. When a serial transfer is complete, the SPIF bit is set and an interrupt is generated if
SPIE = 1 and ES = 1. The SPIF bit is cleared by reading the SPI status register with SPIF and WCOL bits
set, and then accessing the SPI data register.
WCOL
Write Collision Flag. The WCOL bit is set if the SPI data register is written during a data transfer. During
data transfer, the result of reading the SPDR register may be incorrect, and writing to it has no effect. The
WCOL bit (and the SPIF bit) are cleared by reading the SPI status register with SPIF and WCOL set, and
then accessing the SPI data register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com