Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7243 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7243
Description  LC2MOS 12-Bit Serial DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7243 Datasheet(HTML) 3 Page - Analog Devices

  AD7243 Datasheet HTML 1Page - Analog Devices AD7243 Datasheet HTML 2Page - Analog Devices AD7243 Datasheet HTML 3Page - Analog Devices AD7243 Datasheet HTML 4Page - Analog Devices AD7243 Datasheet HTML 5Page - Analog Devices AD7243 Datasheet HTML 6Page - Analog Devices AD7243 Datasheet HTML 7Page - Analog Devices AD7243 Datasheet HTML 8Page - Analog Devices AD7243 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
–3–
AD7243
Limit at +25 C, TMIN, TMAX
Parameter
(All Versions)
Units
Conditions/Comments
t1
3
200
ns min
SCLK Cycle Time
t2
15
ns min
SYNC to SCLK Falling Edge Setup Time
t3
70
ns min
SYNC to SCLK Hold Time
t4
0
ns min
Data Setup Time
t5
40
ns min
Data Hold Time
t6
0
ns min
SYNC High to LDAC Low
t7
20
ns min
LDAC Pulsewidth
t8
0
ns min
LDAC High to SYNC Low
t9
20
ns min
CLR Pulsewidth
t10
4, 5
160
ns max
SCLK Falling Edge to SDO Valid
t11
4, 6
>t5
ns min
SCLK Falling Edge to SDO Invalid
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 7 & 8.
3SCLK mark/space ratio range is 40/60 to 60/40.
4SDO load capacitance is no greater than 50 pF.
5At 25
°C t
10 is 130 ns max.
6Guaranteed by design.
ORDERING GUIDE
Model
Temperature Range
Relative Accuracy
Package Option
1
AD7243AN
–40
°C to +85°C
±1 LSB
N-16
AD7243BN
–40
°C to +85°C
±1/2 LSB
N-16
AD7243AR
–40
°C to +85°C
±1 LSB
R-16
AD7243BR
–40
°C to +85°C
±1/2 LSB
R-16
AD7243AQ
–40
°C to +85°C
±1 LSB
Q-16
AD7243BQ
–40
°C to +85°C
±1/2 LSB
Q-16
AD7243SQ
2
–55
°C to +125°C
±1 LSB
Q-16
NOTES
1N = Plastic DIP; R = SOIC; Q = Cerdip.
2Available to /883B processing only. Contact your local sales office for military data sheet.
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
VDD to AGND, DGND . . . . . . . . . . . . . . . . . –0.3 V to +17 V
VSS to AGND, DGND . . . . . . . . . . . . . . . . . +0.3 V to –17 V
AGND to DGND . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
VOUT
2 to AGND . . . . . . . . . . . . . . . . . . . –6 V to V
DD + 0.3 V
REFOUT to AGND . . . . . . . . . . . . . . . . . . . . . . . 0 V to VDD
REFIN to AGND . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Inputs to DGND . . . . . . . . . . . –0.3 V to VDD + 0.3 V
SDO to DGND . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (A, B Versions) . . . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
TIMING CHARACTERISTICS1, 2
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . 450 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability. Only one Absolute
Maximum Rating may be applied at any time.
2The outputs may be shorted to voltages in this range provided the power dissipation
of the package is not exceeded. Short circuit current is typically 80 mA.
(VDD = +10.8 V to +16.5 V, VSS = 0 V or –10.8 V to –16.5 V, AGND = DGND = 0 V,
RL = 2 k , CL = 100 pF. All Specifications TMIN to TMAX unless otherwise noted.)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7243 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com