Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT87F52-24AI Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT87F52-24AI
Description  8-Bit Microcontroller with 8K Bytes QuickFlash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87F52-24AI Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT87F52-24AI Datasheet HTML 9Page - ATMEL Corporation AT87F52-24AI Datasheet HTML 10Page - ATMEL Corporation AT87F52-24AI Datasheet HTML 11Page - ATMEL Corporation AT87F52-24AI Datasheet HTML 12Page - ATMEL Corporation AT87F52-24AI Datasheet HTML 13Page - ATMEL Corporation AT87F52-24AI Datasheet HTML 14Page - ATMEL Corporation AT87F52-24AI Datasheet HTML 15Page - ATMEL Corporation AT87F52-24AI Datasheet HTML 16Page - ATMEL Corporation AT87F52-24AI Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AT87F52
13
Programming Interface
Every code byte in the QuickFlash array can be pro-
grammed by using the appropriate combination of control
signals. The write operation cycle is self-timed and once
initiated, will automatically time itself to completion.
All major programming vendors offer worldwide support for
the Atmel microcontroller series. Please contact your local
programming vendor for the appropriate software revision.
QuickFlash Programming Modes
Mode
RST
PSEN
ALE/PROG
EA/VPP
P2.6
P2.7
P3.6
P3.7
Write Code Data
H
L
12V
L
H
H
H
Read Code Data
H
L
H
H
L
L
H
H
Write Lock
Bit - 1
H
L
12V
H
H
H
H
Bit - 2
H
L
12V
H
H
L
L
Bit - 3
H
L
12V
H
L
H
L
Read Signature Byte
H
L
H
H
L
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com