Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS2323-4PI Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT90LS2323-4PI
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323-4PI Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT90LS2323-4PI Datasheet HTML 45Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 46Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 47Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 48Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 49Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 50Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 51Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 52Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
49
AT90S/LS2323/2343
1004D–09/01
Typical
Characteristics
The following charts show typical behavior. These figures are not tested during manu-
facturing. All current consumption measurements are performed with all I/O pins
configured as inputs and with internal pull-ups enabled. A sine wave generator with rail-
to-rail output is used as clock source.
The current consumption is a function of several factors such as: operating voltage,
operating frequency, loading of I/O pins, switching rate of I/O pins, code executed and
ambient temperature. The dominating factors are operating voltage and frequency.
The current drawn from capacitive loaded pins may be estimated (for one pin) as
C
L•VCC•f where CL = load capacitance, VCC = operating voltage and f = average switch-
ing frequency of I/O pin.
The parts are characterized at frequencies higher than test limits. Parts are not guaran-
teed to function properly at frequencies higher than the ordering code indicates.
The difference between current consumption in Power-down mode with Watchdog
Timer enabled and Power-down mode with Watchdog Timer disabled represents the dif-
ferential current drawn by the Watchdog Timer.
Figure 39. Active Supply Current vs. Frequency
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
0
1
2
3
4
5
6
7
8
9
1011
12131415
ACTIVE SUPPLY CURRENT vs. FREQUENCY
T = 25˚C
A
V
cc= 6V
V
cc= 5.5V
V
cc= 5V
V
cc= 4.5V
V
cc= 4V
V
cc= 3.6V
V
cc= 3.3V
V
cc= 3.0V
V
cc= 2.7V
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com