Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS2333-4AI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT90LS2333-4AI
Description  8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2333-4AI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT90LS2333-4AI Datasheet HTML 2Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 3Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 4Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 5Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 6Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 7Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 8Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 9Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AT90S/LS2333 and AT90S/LS4433
6
The I/O memory space contains 64 addresses for CPU peripheral functions as Control Registers, Timer/Counters, A/D-
converters, and other I/O functions. The I/O Memory can be accessed directly, or as the Data Space locations following
those of the register file, $20 - $5F.
The AVR uses a Harvard architecture concept - with separate memories and buses for program and data. The program
memory is executed with a two stage pipeline. While one instruction is being executed, the next instruction is pre-fetched
from the program memory. This concept enables instructions to be executed in every clock cycle.
The program memory is In-System Programmable Flash memory.
With the relative jump and call instructions, the whole 1K/2K word address space is directly accessed. Most AVR instruc-
tions have a single 16-bit word format. Every program memory address contains a 16- or 32-bit instruction.
During interrupts and subroutine calls, the return address program counter (PC) is stored on the stack. The stack is effec-
tively allocated in the general data SRAM, and consequently the stack size is only limited by the total SRAM size and the
usage of the SRAM. All user programs must initialize the SP in the reset routine (before subroutines or interrupts are exe-
cuted). The 8-bit stack pointer SP is read/write accessible in the I/O space.
The 128 bytes data SRAM can be easily accessed through the five different addressing modes supported in the AVR
architecture.
The memory spaces in the AVR architecture are all linear and regular memory maps.
Figure 3. AT90S2333/4433 Memory Maps
A flexible interrupt module has its control registers in the I/O space with an additional global interrupt enable bit in the status
register. All the different interrupts have a separate interrupt vector in the interrupt vector table at the beginning of the pro-
gram memory. The different interrupts have priority in accordance with their interrupt vector position. The lower the
interrupt vector address, the higher the priority.
32 Gen. Purpose
Working Registers
64 I/O Registers
Internal SRAM
(128 x 8)
$0000
$001F
$005F
$0060
$00DF
$0020
$000
$3FF/ $7FF
Data Memory
Program Memory
Program Flash
(1K/2K x 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com