Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS2333-4PI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT90LS2333-4PI
Description  8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2333-4PI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT90LS2333-4PI Datasheet HTML 1Page - ATMEL Corporation AT90LS2333-4PI Datasheet HTML 2Page - ATMEL Corporation AT90LS2333-4PI Datasheet HTML 3Page - ATMEL Corporation AT90LS2333-4PI Datasheet HTML 4Page - ATMEL Corporation AT90LS2333-4PI Datasheet HTML 5Page - ATMEL Corporation AT90LS2333-4PI Datasheet HTML 6Page - ATMEL Corporation AT90LS2333-4PI Datasheet HTML 7Page - ATMEL Corporation AT90LS2333-4PI Datasheet HTML 8Page - ATMEL Corporation AT90LS2333-4PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AT90S/LS2333 and AT90S/LS4433
4
Pin Descriptions
VCC
Supply voltage
GND
Ground
Port B (PB5..PB0)
Port B is a 6-bit bi-directional I/O port with internal pullup resistors. The Port B output buffers can sink 20 mA. As inputs,
Port B pins that are externally pulled low will source current if the pull-up resistors are activated.
Port B also serves the functions of various special features of the AT90S2333/4433.
The port B pins are tristated when a reset condition becomes active, even if the clock is not running.
Port C (PC5..PC0)
Port C is a 6-bit bi-directional I/O port with internal pullup resistors. The Port C output buffers can sink 20 mA. As inputs,
Port C pins that are externally pulled low will source current if the pull-up resistors are activated. Port C also serves as the
analog inputs to the A/D Converter.
The port C pins are tristated when a reset condition becomes active, even if the clock is not running.
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors. The Port D output buffers can sink 20 mA. As inputs,
Port D pins that are externally pulled low will source current if the pull-up resistors are activated.
Port D also serves the functions of various special features of the AT90S2333/4433.
The port D pins are tristated when a reset condition becomes active, even if the clock is not running.
RESET
Reset input. An external reset is generated by a low level on the RESET pin. Reset pulses longer than 50 ns will generate
a reset, even if the clock is not running. Shorter pulses are not guaranteed to generate a reset.
XTAL1
Input to the inverting oscillator amplifier and input to the internal clock operating circuit.
XTAL2
Output from the inverting oscillator amplifier
AVCC
This is the supply voltage pin for the A/D Converter. It should be externally connected to V
CC via a low-pass filter. See
Datasheet for details on operation of the ADC.
AREF
This is the analog reference input for the A/D Converter. For ADC operations, a voltage in the range 2.7V to AVCC must be
applied to this pin.
AGND
If the board has a separate analog ground plane, this pin should be connected to this ground plane. Otherwise, connect to
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com