Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG039N Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # VG039N
Description  Surface Mount Single-Turn Trimmers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

VG039N Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  VG039N Datasheet HTML 1Page - TOCOSAMERICA, INC. VG039N Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
Trimmer Selection Guide
TOCOS®
POTENTIOMETERS
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications for Surface Mount Single-Turn Trimmers
Open Frame Models
Standard Nominal
Resistances and
Ordering Codes
Code
Resistance (
Ω)
Resistance (
Ω)
Resistance (
Ω)
Resistance (
Ω)
Code
Code
Code
100
200
300
500
—
1,000
2,000
3,000
5,000
—
10,000
20,000
30,000
50,000
—
100,000
200,000
300,000
500,000
1,000,000
101
201
301
501
—
102
202
302
502
—
103
203
303
503
—
104
204
304
504
105
VG026 Series
Series
Model Examples
Nominal Size and
Construction
2.2mm x 2.6mm x 0.8mm in height
Open Frame, Surface Mount
Resistive Element
Cermet
Single-Turn: 240
20
Top Adjust
Flush Cross-Slot
Surface Mount
Triangular Footprint
100
Ω to 1MΩ (1, 2, 3, 5 Sequence)
25%
0.1 W at
70 C
0 W at
100 C
50V
40 C to
100 C
250 ppm / C
0.49 – 7.84 mN
•m (5 – 80 gf•cm)
3mm x 3.8mm x 1.2mm in height
Open Frame, Surface Mount
Cermet
Single-Turn: 270
20
Top Adjust
Flush Cross-Slot with Rotational Stops
Surface Mount
Triangular Footprint
100
Ω to 1MΩ (1, 2, 3, 5 Sequence)
25%
0.15 W at
70 C
0 W at
100 C
40 C to
100 C
250 ppm / C
0.98 – 11.76 mN
•m (10 – 120 gf•cm)
Adjustment Travel
Adjustment Type
Terminal Style
Resistance Range
Resistance Tolerance
Power Rating
Maximum
Working Voltage
Temperature Range
Temperature Coefficient
Operating Torque
VG039N Series
2mm Surface Mount, Single-Turn, Cermet Trimmers
Low Profile, 0.8mm in Height
First in Industry: Resin Sealed Insulation Area on
Mounting Surface to Eliminate Rerouting Traces
Stable Performance in Adverse Ambient Conditions
8mm Embossed Tape for Automatic Insertion
Recommended for Reflow Soldering
RoHS Compliant: Pb-Free and Cd-Free
3mm Surface Mount, Single-Turn, Cermet Trimmers
Low Profile, 1.2mm in Height
First in Industry: Resin Sealed Insulation Area on
Mounting Surface to Eliminate Rerouting Traces
Stable Performance in Adverse Ambient Conditions
8mm Embossed Tape for Automatic Insertion
Recommended for Reflow Soldering
RoHS Compliant: Pb-Free and Cd-Free
Features
50V or
√PR = V,
whichever is smaller
Standard Nominal Resistance Values with Ordering Codes


Similar Part No. - VG039N

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
High Linearity Variable Gain Amplifier
VG025 WJCI-VG025 Datasheet
425Kb / 7P
High Linearity Variable Gain Amplifier
VG025-G WJCI-VG025-G Datasheet
434Kb / 7P
High Linearity Variable Gain Amplifier
VG025-G WJCI-VG025-G Datasheet
425Kb / 7P
High Linearity Variable Gain Amplifier
VG025-PCB2000 WJCI-VG025-PCB2000 Datasheet
434Kb / 7P
High Linearity Variable Gain Amplifier
More results

Similar Description - VG039N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST4ETA202 VISHAY-ST4ETA202 Datasheet
170Kb / 8P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
ST32ETA502 VISHAY-ST32ETA502 Datasheet
375Kb / 7P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
logo
List of Unclassifed Man...
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETA104 ETC2-ST-4ETA104 Datasheet
173Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
TOCOSAMERICA, INC.
G3-SERIES TOCOS-G3-SERIES Datasheet
341Kb / 4P
Single-Turn Surface Mount Trimmers
logo
Copal Electronics
ST4TB104 COPAL-ST4TB104 Datasheet
278Kb / 7P
SINGLE TURN SURFACE MOUNT TYPE TRIMMERS SINGLE TURN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com