Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502AS-7JC44 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF1502AS-7JC44
Description  High Performance E2PROM CPLD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502AS-7JC44 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF1502AS-7JC44 Datasheet HTML 3Page - ATMEL Corporation ATF1502AS-7JC44 Datasheet HTML 4Page - ATMEL Corporation ATF1502AS-7JC44 Datasheet HTML 5Page - ATMEL Corporation ATF1502AS-7JC44 Datasheet HTML 6Page - ATMEL Corporation ATF1502AS-7JC44 Datasheet HTML 7Page - ATMEL Corporation ATF1502AS-7JC44 Datasheet HTML 8Page - ATMEL Corporation ATF1502AS-7JC44 Datasheet HTML 9Page - ATMEL Corporation ATF1502AS-7JC44 Datasheet HTML 10Page - ATMEL Corporation ATF1502AS-7JC44 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ATF1502AS
7
Note:
Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
Note:
Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
The OGI pin (high-voltage pin during programming) has a maximum capacitance of 12 pf.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O Low
Leakage Current
V
IN = VCC
-2
-10
µA
I
IH
Input or I/O High
Leakage Current
210
I
OZ
Tri-State Output
Off-State Current
V
O = VCC or GND
-40
40
µA
I
CC1
Power Supply Current,
Stand-by
V
CC = Max
V
IN = 0, VCC
Std Mode
Com.
60
mA
Ind.
75
mA
“Z” Mode
Com.
40
µA
Ind.
40
µA
I
CC2
Power Supply Current,
Power Down Mode
V
CC = Max
V
IN = 0, VCC
“PD” Mode
1
mA
I
CC3
Clocked Power Supply
Current
V
CC = Max
V
IN = 0, VCC
“Z” Mode
2
mA/
MHz
I
OS
Output Short Circuit
Current
V
OUT = 0.5V
-150
mA
V
CCIO
Supply Voltage
5.0V Device Output
Com.
4.75
5.25
V
Ind.
4.5
5.5
V
V
CCIO
Supply Voltage
3.3V Device Output
3.0
3.6
V
V
IL
Input Low Voltage
-0.3
0.8
V
V
IH
Input High Voltage
2.0
V
CCINT +
0.3
V
V
OL
Output Low Voltage
V
IN = VIH or VIL
V
CCIO = MIN, IOL = 12 mA
Com.
0.45
V
Ind.
V
OH
Output High Voltage
V
IN = VIH or VIL
V
CCIO = MIN, IOH = -4.0 mA
2.4
V
Pin Capacitance
Typ
Max
Units
Conditions
C
IN
810
pF
V
IN = 0V; f = 1.0 MHz
C
I/O
810
pF
V
OUT = 0V; f = 1.0 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com