Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS2323 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT90LS2323
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT90LS2323 Datasheet HTML 23Page - ATMEL Corporation AT90LS2323 Datasheet HTML 24Page - ATMEL Corporation AT90LS2323 Datasheet HTML 25Page - ATMEL Corporation AT90LS2323 Datasheet HTML 26Page - ATMEL Corporation AT90LS2323 Datasheet HTML 27Page - ATMEL Corporation AT90LS2323 Datasheet HTML 28Page - ATMEL Corporation AT90LS2323 Datasheet HTML 29Page - ATMEL Corporation AT90LS2323 Datasheet HTML 30Page - ATMEL Corporation AT90LS2323 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
27
AT90S/LS2323/2343
1004D–09/01
activate the interrupt are defined in Table 9. The value on the INT01 pin is sampled
before detecting edges. If edge or toggle interrupt is selected, pulses that last longer
than one clock period will generate an interrupt. Shorter pulses are not guaranteed to
generate an interrupt. If low-level interrupt is selected, the low level must be held until
the completion of the currently executing instruction to generate an interrupt.
Sleep Modes
To enter the sleep modes, the SE bit in MCUCR must be set (one) and a SLEEP instruc-
tion must be executed. If an enabled interrupt occurs while the MCU is in a sleep mode,
the MCU awakes, executes the interrupt routine and resumes execution from the
instruction following SLEEP. The contents of the register file, SRAM and I/O memory
are unaltered. If a reset occurs during Sleep mode, the MCU wakes up and executes
from the Reset vector.
Idle Mode
When the SM bit is cleared (zero), the SLEEP instruction forces the MCU into the Idle
mode, stopping the CPU but allowing Timer/Counters, Watchdog and the interrupt sys-
tem to continue operating. This enables the MCU to wake up from external triggered
interrupts as well as internal ones like Timer Overflow interrupt and Watchdog reset.
Power-down Mode
When the SM bit is set (one), the SLEEP instruction forces the MCU into the Power-
down mode. In this mode, the external oscillator is stopped while the external interrupts
and the Watchdog (if enabled) continue operating. Only an external reset, a Watchdog
reset (if enabled), or an external level interrupt on INT0 can wake up the MCU.
Note that if a level-triggered interrupt is used for wake-up from Power-down mode, the
changed level must be held for some time to wake up the MCU. This makes the MCU
less sensitive to noise. The changed level is sampled twice by the Watchdog oscillator
clock and if the input has the required level during this time, the MCU will wake up. The
period of the Watchdog oscillator is 1 µs (nominal) at 5.0V and 25
°C. The frequency of
the Watchdog oscillator is voltage-dependent as shown in section “Typical Characteris-
tics” on page 49.
When waking up from Power-down mode, a delay from the wake-up condition occurs
until the wake-up becomes effective. This allows the clock to restart and become stable
after having been stopped. The wake-up period is equal to the clock reset period, as
shown in Table 4 and Table 5 on page 21.
If the wake-up condition disappears before the MCU wakes up and starts to execute,
e.g., a low-level on is not held long enough, the interrupt causing the wake-up will not be
executed.
Table 9. Interrupt 0 Sense Control
ISC01
ISC00
Description
0
0
The low level of INT0 generates an interrupt request.
01
Reserved
1
0
The falling edge of INT0 generates an interrupt request.
1
1
The rising edge of INT0 generates an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com