Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C52-24AI Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C52-24AI
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C52-24AI Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C52-24AI Datasheet HTML 14Page - ATMEL Corporation AT89C52-24AI Datasheet HTML 15Page - ATMEL Corporation AT89C52-24AI Datasheet HTML 16Page - ATMEL Corporation AT89C52-24AI Datasheet HTML 17Page - ATMEL Corporation AT89C52-24AI Datasheet HTML 18Page - ATMEL Corporation AT89C52-24AI Datasheet HTML 19Page - ATMEL Corporation AT89C52-24AI Datasheet HTML 20Page - ATMEL Corporation AT89C52-24AI Datasheet HTML 21Page - ATMEL Corporation AT89C52-24AI Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AT89C52
4-81
Ordering Information
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
12
5V
± 20%
AT89C52-12AC
AT89C52-12JC
AT89C52-12PC
AT89C52-12QC
44A
44J
40P6
44Q
Commercial
(0
°C to 70°C)
AT89C52-12AI
AT89C52-12JI
AT89C52-12PI
AT89C52-12QI
44A
44J
40P6
44Q
Industrial
(-40
°C to 85°C)
AT89C52-12AA
AT89C52-12JA
AT89C52-12PA
AT89C52-12QA
44A
44J
40P6
44Q
Automotive
(-40
°C to 105°C)
16
5V
± 20%
AT89C52-16AC
AT89C52-16JC
AT89C52-16PC
AT89C52-16QC
44A
44J
40P6
44Q
Commercial
(0
°C to 70°C)
AT89C52-16AI
AT89C52-16JI
AT89C52-16PI
AT89C52-16QI
44A
44J
40P6
44Q
Industrial
(-40
°C to 85°C)
AT89C52-16AA
AT89C52-16JA
AT89C52-16PA
AT89C52-16QA
44A
44J
40P6
44Q
Automotive
(-40
°C to 105°C)
20
5V
± 20%
AT89C52-20AC
AT89C52-20JC
AT89C52-20PC
AT89C52-20QC
44A
44J
40P6
44Q
Commercial
(0
°C to 70°C)
AT89C52-20AI
AT89C52-20JI
AT89C52-20PI
AT89C52-20QI
44A
44J
40P6
44Q
Industrial
(-40
°C to 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com