Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS8535-4PI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90LS8535-4PI
Description  8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90LS8535-4PI Datasheet HTML 1Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 2Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 3Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 4Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 5Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 6Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 7Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 8Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AT90S/LS4434 and AT90S/LS8535
5
The ALU supports arithmetic and logic functions between
registers or between a constant and a register. Single reg-
ister operations are also executed in the ALU. Figure 3
shows the AT90S4434/8535 AVR Enhanced RISC micro-
controller architecture.
In addition to the register operation, the conventional mem-
ory addressing modes can be used on the register file as
well. This is enabled by the fact that the register file is
assigned the 32 lowermost Data Space addresses ($00 -
$1F), allowing them to be accessed as though they were
ordinary memory locations.
The I/O memory space contains 64 addresses for CPU
peripheral functions as Control Registers, Timer/Counters,
A/D-converters, and other I/O functions. The I/O Memory
can be accessed directly, or as the Data Space locations
following those of the register file, $20 - $5F.
The AVR uses a Harvard architecture concept - with sepa-
rate memories and buses for program and data. The pro-
gram memory is executed with a single level pipelining.
While one instruction is being executed, the next instruction
is pre-fetched from the program memory. This concept
enables instructions to be executed in every clock cycle.
The program memory is in-system downloadable Flash
memory.
With the relative jump and call instructions, the whole
2K/4K address space is directly accessed. Most AVR
instructions have a single 16-bit word format. Every pro-
gram memory address contains a 16- or 32-bit instruction.
During interrupts and subroutine calls, the return address
program counter (PC) is stored on the stack. The stack is
effectively allocated in the general data SRAM, and conse-
quently the stack size is only limited by the total SRAM size
and the usage of the SRAM. All user programs must initial-
ize the SP in the reset routine (before subroutines or inter-
rupts are executed). The 9-bit stack pointer SP is read/write
accessible in the I/O space.
The 256/512 bytes data SRAM can be easily accessed
through the five different addressing modes supported in
the AVR architecture.
The memory spaces in the AVR architecture are all linear
and regular memory maps.
Figure 4. Memory Maps
32 Gen. Purpose
Working Registers
64 I/O Registers
Internal SRAM
(256/512 x 8)
$0000
$001F
$005F
$0060
$015F/$025F
$0020
$000
$7FF/$FFF
Data Memory
Program Memory
Program Flash
(2K/4K x 16)
EEPROM
(256/512 x 8)
$0000
$1F/$FF
Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com