Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 9Page - ATMEL Corporation AT89 Datasheet HTML 10Page - ATMEL Corporation AT89 Datasheet HTML 11Page - ATMEL Corporation AT89 Datasheet HTML 12Page - ATMEL Corporation AT89 Datasheet HTML 13Page - ATMEL Corporation AT89 Datasheet HTML 14Page - ATMEL Corporation AT89 Datasheet HTML 15Page - ATMEL Corporation AT89 Datasheet HTML 16Page - ATMEL Corporation AT89 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AT89C52
4-73
Chip Erase:
The entire Flash array is erased electrically
by using the proper combination of control signals and by
holding ALE/PROG low for 10 ms. The code array is written
with all 1s. The chip erase operation must be executed
before the code memory can be reprogrammed.
Reading the Signature Bytes: The signature bytes are
read by the same procedure as a normal verification of
locations 030H, 031H, and 032H, except that P3.6 and
P3.7 must be pulled to a logic low. The values returned are
as follows.
(030H) = 1EH indicates manufactured by Atmel
(031H) = 52H indicates 89C52
(032H) = FFH indicates 12V programming
(032H) = 05H indicates 5V programming
Programming Interface
Every code byte in the Flash array can be written, and the
entire array can be erased, by using the appropriate combi-
nation of control signals. The write operation cycle is self-
timed and once initiated, will automatically time itself to
completion.
All major programming vendors offer worldwide support for
the Atmel microcontroller series. Please contact your local
programming vendor for the appropriate software revision.
Flash Programming Modes
Note:
1. Chip Erase requires a 10-ms PROG pulse.
Mode
RST
PSEN
ALE/PROG
EA/VPP
P2.6
P2.7
P3.6
P3.7
Write Code Data
H
L
H/12V
L
H
H
H
Read Code Data
H
L
H
H
L
L
H
H
Write Lock
Bit - 1
H
L
H/12V
H
H
H
H
Bit - 2
H
L
H/12V
H
H
L
L
Bit - 3
H
L
H/12V
H
L
H
L
Chip Erase
H
L
H/12V
H
L
L
L
Read Signature Byte
H
L
H
H
L
L
L
L
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com