Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10CZ Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF22V10CZ
Description  High Performance E2 PLD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CZ Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF22V10CZ Datasheet HTML 1Page - ATMEL Corporation ATF22V10CZ Datasheet HTML 2Page - ATMEL Corporation ATF22V10CZ Datasheet HTML 3Page - ATMEL Corporation ATF22V10CZ Datasheet HTML 4Page - ATMEL Corporation ATF22V10CZ Datasheet HTML 5Page - ATMEL Corporation ATF22V10CZ Datasheet HTML 6Page - ATMEL Corporation ATF22V10CZ Datasheet HTML 7Page - ATMEL Corporation ATF22V10CZ Datasheet HTML 8Page - ATMEL Corporation ATF22V10CZ Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Case)
0°C - 70°C
-40°C - 85°C
VCC Power Supply
5V
± 5%
5V
± 10%
The ATF22V10CZ provides a “zero” power CMOS PLD
solution with 5V operating voltages. The ATF22V10CZ
powers down automatically to the zero power mode
through Atmel’s patented Input Transition Detection (ITD)
circuitry when the device is idle. The ATF22V10CZ has
an edge-sensing power down feature, offering “zero” (25
µA worst case) standby power. This feature allows the
user to manage total system power to meet specific appli-
cation requirements and enhance reliability. Pin “keeper”
circuits on input and output pins eliminate static power
consumed by pull-up resistors.
The ATF22V10CZ incorporates a superset of the generic
architectures, which allows direct replacement of the
22V10 family and most 24-pin combinatorial PLDs. Ten
outputs are each allocated 8 to 16 product terms. Three
different modes of operation, configured automatically
with software, allow highly complex logic functions to be
realized.
Temperature Under Bias................... -40°C to +85°C
Storage Temperature...................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground......................... -2.0V to +7.0V
(1)
Voltage on Input Pins
with Respect to Ground
During Programming.................... -2.0V to +14.0V
(1)
Programming Voltage with
Respect to Ground....................... -2.0V to +14.0V
(1)
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
Note:
1. Minimum voltage is -0.6V dc, which may undershoot
to -2.0V for pulses of less than 20 ns. Maximum out-
put pin voltage is Vcc + 0.75V dc, which may over-
shoot to 7.0V for pulses of less than 20 ns.
2
ATF22V10CZ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com