Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1500AL-20AI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF1500AL-20AI
Description  High Performance E2 PLD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500AL-20AI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF1500AL-20AI Datasheet HTML 5Page - ATMEL Corporation ATF1500AL-20AI Datasheet HTML 6Page - ATMEL Corporation ATF1500AL-20AI Datasheet HTML 7Page - ATMEL Corporation ATF1500AL-20AI Datasheet HTML 8Page - ATMEL Corporation ATF1500AL-20AI Datasheet HTML 9Page - ATMEL Corporation ATF1500AL-20AI Datasheet HTML 10Page - ATMEL Corporation ATF1500AL-20AI Datasheet HTML 11Page - ATMEL Corporation ATF1500AL-20AI Datasheet HTML 12Page - ATMEL Corporation ATF1500AL-20AI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ATF1500A/AL
9
Note:
1. For slow slew outputs, add tSSO .
AC Characteristics
Symbol
Parameter
-7
-10
-12
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPD
(1)
I, I/O or FB to
Non-Registered
Output
2
7.5
3
10312
3
15320325
ns
tPD2
I, I/O to Feedback
5
7
8
9
12
14
ns
tPD3
(1)
Feedback to
Non-Registered
Output
2
7.5
3
10312
3
15320325
ns
tPD4
Feedback to
Feedback
5
7
8
9
12
14
ns
tEA
(1)
OE Term to Output
Enable
2
7.5
3
10312
3
15320325
ns
tER
OE Term to Output
Disable
2
7.5
2
10212
2
15220225
ns
tPZX
(1)
OE Pin to Output
Enable
2
5.5
2
7
2
8
2
9
210211
ns
tPXZ
OE Pin to Output
Disable
1.5
5.5
1..5
7
1.5
8
1.5
9
1.5
10
1.5
11
ns
tPF
Preset to Feedback
6
9
9
12
18
20
ns
tPO
(1)
Preset to Registered
Output
8.5
1214
202325
ns
tRPF
Reset Pin to
Feedback
34
3
5
5.5
6
ns
tRPO
(1)
Reset Pin to
Registered Output
5.5
7
8
111315
ns
tRTF
Reset Term to
Feedback
6
9
9
121520
ns
tRTO
(1)
Reset Term to
Registered Output
8.5
1214
202325
ns
tCAS
Cascade Logic Delay
0.8
0.8
1
1
1.5
1.5
ns
tSSO
Slow Slew Output
Adder
3
3
3
444
ns
tFLD
Foldback Term Delay
4
5
7
8
10
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com