Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F002T-90VC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49F002T-90VC
Description  2-Megabit 256K x 8 5-volt Only Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F002T-90VC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49F002T-90VC Datasheet HTML 5Page - ATMEL Corporation AT49F002T-90VC Datasheet HTML 6Page - ATMEL Corporation AT49F002T-90VC Datasheet HTML 7Page - ATMEL Corporation AT49F002T-90VC Datasheet HTML 8Page - ATMEL Corporation AT49F002T-90VC Datasheet HTML 9Page - ATMEL Corporation AT49F002T-90VC Datasheet HTML 10Page - ATMEL Corporation AT49F002T-90VC Datasheet HTML 11Page - ATMEL Corporation AT49F002T-90VC Datasheet HTML 12Page - ATMEL Corporation AT49F002T-90VC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
3354F–FLASH–2/05
AT49F002A(N)(T)
11. AC Read Waveforms (1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3. t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
10. AC Read Characteristics
Symbol
Parameter
AT49F002A(N)(T)-55
Units
Min
Max
t
ACC
Address to Output Delay
55
ns
tCE
(1)
CE to Output Delay
55
ns
t
OE
(2)
OE to Output Delay
0
30
ns
t
DF
(3)(4)
CE or OE to Output Float
0
25
ns
t
OH
Output Hold from OE, CE or Address, whichever
occurred first
0ns
ADDRESS
OUTPUT
HIGH Z
OUTPUT
OE
CE
tACC
tOE
t DF
tOH
tCE
VALID
ADDRESS
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com