Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5743 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T5743
Description  UHF ASK/FSK Receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5743 Datasheet(HTML) 4 Page - ATMEL Corporation

  T5743 Datasheet HTML 1Page - ATMEL Corporation T5743 Datasheet HTML 2Page - ATMEL Corporation T5743 Datasheet HTML 3Page - ATMEL Corporation T5743 Datasheet HTML 4Page - ATMEL Corporation T5743 Datasheet HTML 5Page - ATMEL Corporation T5743 Datasheet HTML 6Page - ATMEL Corporation T5743 Datasheet HTML 7Page - ATMEL Corporation T5743 Datasheet HTML 8Page - ATMEL Corporation T5743 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
T5743
4569A–RKE–12/02
RF Front-end
The RF front-end of the receiver is a heterodyne configuration that converts the input
signal into a 1 MHz IF signal. According to Figure 3, the front-end consists of an LNA
(low-noise amplifier), LO (local oscillator), a mixer and an RF amplifier.
The LO generates the carrier frequency for the mixer via a PLL synthesizer. The XTO
(crystal oscillator) generates the reference frequency f
XTO. The VCO (voltage-controlled
oscillator) generates the drive voltage frequency f
LO for the mixer. fLO is dependent on
the voltage at Pin LF. f
LO is divided by factor 64. The divided frequency is compared to
f
XTO by the phase frequency detector. The current output of the phase frequency detec-
tor is connected to a passive loop filter and thereby generates the control voltage V
LF for
the VCO. By means of that configuration V
LF is controlled in a way that fLO/64 is equal to
f
XTO. If fLO is determined, fXTO can be calculated using the following formula: fXTO = fLO/64.
The XTO is a one-pin oscillator that operates at the series resonance of the quartz crys-
tal. According to Figure 4, the crystal should be connected to GND via a capacitor CL.
The value of that capacitor is recommended by the crystal supplier. The value of CL
should be optimized for the individual board layout to achieve the exact value of f
XTO and
hereby of f
LO. When designing the system in terms of receiving bandwidth, the accuracy
of the crystal and the XTO must be considered.
Figure 4. PLL Peripherals
The passive loop filter connected to Pin LF is designed for a loop bandwidth of
BLoop = 100 kHz. This value for BLoop exhibits the best possible noise performance of
the LO. Figure 4 shows the appropriate loop filter components to achieve the desired
loop bandwidth. If the filter components are changed for any reason please notify that
the maximum capacitive load at Pin LF is limited. If the capacitive load is exceeded, a bit
check may no longer be possible since f
LO cannot settle in time before the bit check
starts to evaluate the incoming data stream. Self polling does therefore also not work in
that case.
f
LO is determined by the RF input frequency fRF and the IF frequency fIF using the follow-
ing formula: f
LO = fRF - fIF
To determine f
LO, the construction of the IF filter must be considered at this point. The
nominal IF frequency is f
IF = 1 MHz. To achieve a good accuracy of the filter’s corner fre-
quencies, the filter is tuned by the crystal frequency f
XTO. This means that there is a
fixed relation between f
IF and fLO. This relation is dependent on the logic level at Pin
MODE.
DVCC
XTO
LF
LFVCC
LFGND
V
C
C10
R1
C9
S
L
V
S
R1 = 820
W
C9 = 4.7 nF
C10 = 1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com