Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0074BA03225S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0074BA03225S
Description  73.728 MHz SAW Filter 4.5 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0074BA03225S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0074BA03225S Datasheet HTML 1Page - API Technologies Corp SF0074BA03225S Datasheet HTML 2Page - API Technologies Corp SF0074BA03225S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
73.728 MHz SAW Filter
4.5 MHz Bandwidth
Part Number: SF0074BA03225S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0074BA03225S Rev A 18-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
3 dB Center Frequency, FC
-
73.728
-
MHz
Insertion Loss
-
10.8
12.5
dB
Lower 1 dB Frequency
1
-
70.89
71.478
MHz
Upper 1 dB Frequency
1
75.978
76.82
-
MHz
1 dB Bandwidth
1
4.5
5.9
-
MHz
3 dB Bandwidth
1
5.7
6.8
-
MHz
40 dB Bandwidth
1
-
10.1
12
MHz
Amplitude Ripple (Fc±2.25 MHz)
-
0.5
1
dB p-p
Phase Ripple (Fc±2.25 MHz)
-
3
6
deg p-p
Group Delay Deviation (Fc±2.25 MHz)
-
70
120
ns p-p
Rejection (20 to 67.728 MHz)
1
40
44
-
dB
Rejection (79.728 to 150 MHz)
1
40
43
-
dB
Temperature Coefficient of Frequency (Tc)
2
-86
ppm/˚C
Source/Load Impedance
50
ohms
Ambient Temperature (Tref)
25
˚C
Notes:
1. Al dB levels are referenced to the insertion loss.
2. Typical shift of frequency response with temperature is: ∆f=(T-Tref)*Tc*Fc.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-20
70
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Ls1 = 68 nH
Ls2 = 220 nH
Notes:
•
Recommend 2% or better tolerance matching components. Typical inductor Q=40.
•
Optimum values may change depending on board layout. Values shown are intended as a guide only.
Input
50
Ω
Single-ended
11
5
All other pads
Output
50
Ω
Single-ended
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com