Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D94 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # D94
Description  4 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D94 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  D94 Datasheet HTML 1Page - Frequency Devices, Inc. D94 Datasheet HTML 2Page - Frequency Devices, Inc. D94 Datasheet HTML 3Page - Frequency Devices, Inc. D94 Datasheet HTML 4Page - Frequency Devices, Inc. D94 Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D94 Series
1 Hz to 400 kHz*
Low Noise Fixed Frequency
4 - Pole Single Power Supply
Anti-Aliasing Low-Pass Filters
1
1784 Chessie Lane, Ottawa, Illinois 61350
• Tel:800/252-7074, 815/434-7800 • FAX:815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Description:
The D94 Series of small 4-pole fixed-frequency,
precision active filters provide high performance
linear active filtering in a compact package, with a
broad range of corner frequencies and a choice
of Butterworth or Bessel transfer functions. These
filters are designed to work with up to 16 Bit A/D
converters. These fully self-contained units
require no external components or adjustments.
Each model comes factory tuned to a user-
specified corner frequency between 1 Hz and 400
kHz* and operate with low total harmonic
distortion over a wide dynamic input voltage
range from non-critical single +5VDC to +18VDC
power supply. Each filter has a built in internal
+6VDC and -6VDC power supplies to power the
filter.
Features/Benefits:
•
Low harmonic distortion and wide signal–
to–noise ratio to 16 bit resolution.
•
Available with Single or Differential inputs.
•
Available with DC coupled or AC coupled
inputs. (The AC corner frequency is a
single pole at 2 Hz.)
•
Compact 1.5"L x 2.0"W x 0.4"H minimizes
board space requirements.
•
Plug–in ready–to–use, reducing
engineering design and manufacturing
cycle time.
•
Factory tuned, no external clocks or
adjustments needed.
•
Available in Butterworth or Bessel transfer
functions to meet a wide range of
applications.
•
Requires a single +5V to +18V power
supply to operate (The module generates
± 6 VDC internally to operate the filter).
•
One to one offset input that works with
your A/Ds reference output to set the
output of the filter in the center of your
A/Ds input range.
•
Available with built in gains from 0 dB to
60 dB.
* Bessel 1 Hz to 200 Khz
Applications
•
Anti–alias filtering
•
Data acquisition systems
•
Communication systems and electronics
•
Medical electronics equipment and research
•
Aerospace, navigation and sonar applications
•
Sound and vibration testing
•
Acoustic and vibration analysis and control
•
Noise elimination
•
Signal reconstruction
Available Low-Pass Models:
D94L4B
4-Pole Butterworth
D94L4L
4-Pole Bessel


Similar Part No. - D94

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D940 ETC2-D940 Datasheet
45Kb / 8P
Control/Communicators
D9412 ETC2-D9412 Datasheet
448Kb / 1P
Fire Command Center, Fire Annunciator
D9412G ETC2-D9412G Datasheet
45Kb / 8P
Control/Communicators
logo
Hitec RCD USA
D941TW HITEC-RCD-D941TW Datasheet
299Kb / 1P
Contactless Magnetic Encoder
Ver2.1
logo
PETERMANN-TECHNIK
D942 PETERMANN-D942 Datasheet
83Kb / 7P
HIGH RELIABILITY FOR LOW COST
More results

Similar Description - D94

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469 Datasheet
803Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
HDTV Anti-Aliasing Filters with Triple-Input Mux
logo
Frequency Devices, Inc.
D100L FREQUENCYDEVICES-D100L Datasheet
363Kb / 7P
4- and 8- Pole Low-Pass Filters
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469_07 Datasheet
289Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
Anti-aliasing and reconstruction filters
logo
Frequency Devices, Inc.
D92 FREQUENCYDEVICES-D92 Datasheet
206Kb / 5P
2 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D96 FREQUENCYDEVICES-D96 Datasheet
201Kb / 5P
6 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D98 FREQUENCYDEVICES-D98 Datasheet
202Kb / 5P
8 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com