Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA4100 Datasheet(PDF) 1 Page - Fox Electronics

Part # FA4100
Description  3.3V HCMOS Automotive Grade SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FA4100 Datasheet(HTML) 1 Page - Fox Electronics

  FA4100 Datasheet HTML 1Page - Fox Electronics FA4100 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
FEATURES
• AEC-Q200 Qualified
• TS-16949 Certified
• Temperature range from -40ºC ~ +125ºC
• Seam Seal
• Tape and Reel (2,000 pcs. STD)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
Operating
Temperature (ºC)
-40 ~ +85
-40 ~ +125
-40 ~ +85
-40 ~ +125
-40 ~ +85
Frequency
Range (MHz)
2.000 ~ 135.000
2.000 ~ 48.000
2.000 ~ 135.000
2.000 ~ 48.000
2.000 ~ 135.000
FA4100R
FA4100
FA4105R
FA4105
FA4106R
Model
Number
1
Inclusive of 25ºC tolerance, operating temperature range.
2
An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
3
45/55 symmetry available on an inquiry basis.
Notes: A 0.01µF bypass capacitor should be placed between Vdd (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
see chart above
-55ºC ~ +150ºC
3.3V ±10%
7mA
12mA
20mA
25mA
30mA
40mA
40% ~ 60%3
10nS
8nS
5nS
4nS
10% Vdd
90% Vdd Min
2mA Min
-2mA Min
15pF
10µA
10mS
100nS
10mS
±5 PPM
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range (Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
2.000 ~ 19.999999 MHz
20.000 ~ 31.999999 MHz
32.000 ~ 49.999999 MHz
50.000 ~ 79.999999 MHz
80.000 ~ 99.999999 MHz
100.000 ~ 135.000 MHz
Output Symmetry (50% Vdd)
Rise/Fall Time (10% ~ 90% Vdd LeveLs)
2.000 ~ 49.999999 MHz
50.000 ~ 79.999999 MHz
80.000 ~ 99.999999 MHz
100.000 ~ 135.000 MHz
Output Voltage
(VoL)
(Voh)
Output Current
(IoL)
(Ioh)
Output Load
(HCMOS)
Standby Current
(Ist)
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
Aging (per year @25C)
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIOn
(Pin 1)
OPEN 2
'1' Level Vih ≥ 80% Vdd
'0' Level ViL ≤ 20% Vdd
Part Number
117B-Frequency-xxxxx
116B-Frequency-xxxxx
125B-Frequency-xxxxx
124B-Frequency-xxxxx
126B-Frequency-xxxxx
• PART nUMbER SELECTIOn
3.3V HCMOS Automotive Grade SMD Oscillator
Rev. 2/27/2012
RoHS Compliant / Pb Free / REACH Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FA4100 SERIES
Page 1 of 2
5.1 Max
1.4 Max
7.1 Max
S olde r P a d L a y out
R e c om m e nde d
#1
#2
#3
#4
#1
#2
#4
#3
5.08
2.6
P in C onne c tions
#1 E/D #3 Output
#2 GnD #4 V
2.0
5.08
4.2
DD
1.4
1.8
All dimensions are in millimeters
#1


Similar Part No. - FA4100

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
FA4105A HITACHI-FA4105A Datasheet
88Kb / 1P
VIDEO AMP MODULE EV-BOARD
More results

Similar Description - FA4100

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4100 FOX-F4100_1 Datasheet
217Kb / 2P
3.3V, HCMOS, SMD Oscillator
FA510 FOX-FA510 Datasheet
499Kb / 2P
1.8V HCMOS Automotive Grade SMD Oscillator
FA530 FOX-FA530 Datasheet
372Kb / 2P
3.3V HCMOS Automotive Grade SMD Oscillator
FA540 FOX-FA540 Datasheet
372Kb / 2P
2.5V HCMOS Automotive Grade SMD Oscillator
FA4400 FOX-FA4400 Datasheet
404Kb / 2P
2.5V HCMOS Automotive Grade SMD Oscillator
FA4500 FOX-FA4500 Datasheet
404Kb / 2P
1.8V HCMOS Automotive Grade SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
3.3V. HCMOS, SMD Oscillator
F4100-500 FOX-F4100-500 Datasheet
308Kb / 2P
3.3V, HCMOS, SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com