Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U643B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U643B
Description  Flasher, 30-mohm Shunt
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U643B Datasheet(HTML) 2 Page - ATMEL Corporation

  U643B Datasheet HTML 1Page - ATMEL Corporation U643B Datasheet HTML 2Page - ATMEL Corporation U643B Datasheet HTML 3Page - ATMEL Corporation U643B Datasheet HTML 4Page - ATMEL Corporation U643B Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U643B
Rev. A3, 10-Apr-01
2 (5)
Pin Description
Pin
Symbol
Function
1
GND
IC ground
2
VS
Supply voltage VS
3
REL
Relay driver
4
OSC
C1 Oscillator
5
OSC
R1 Oscillator
6
VS
Supply voltage VS
7
LD
Lamp failure detection
8
SI
Start input (49a)
1
2
3
4
8
7
6
5
GND
REL
OSC
SI
LD
Vs
OSC
94 9290
U643B
VS
Figure 2. Pinning
Functional Description
Pin 1, GND
The integrated circuit is protected against damage via
resistor R4 to ground (–31) in the case of battery reversal.
An integrated protection circuit together with external
resistances R2 and R4 limits the current pulses in the IC.
Pin 2, Supply voltage, VS - Power
The arrangement of the supply connections to Pin 2 must
be so as to ensure that, on the connection printed circuit
board (PCB), the resistance of VS to Pin 6 is lower than
that to Pin 2.
Pin 3, Relay control output (driver)
The relay control output is a high-side driver with a low
saturation voltage and capable to drive a typical automo-
tive relay with a minimum coil resistance of 60
W.
Pin 4 and 5 Oscillator
Flashing frequency, f1, is determined by the R1C1 compo-
nents as follows (see figure 1):
f1
[
1
R
1
C
1
1.5
Hz
where
C1
 47 mF
R1
+ 6.8 kW to 510 kW
In the case of a lamp outage (see Pin 7) the oscillator
frequency is switched to the lamp outage frequency f2
with f2
[ 2.2
f1.
Duty cycle in normal flashing mode: 50%
Duty cycle in lamp outage mode: 40% (bright phase)
Pin 6, Supply voltage, Sense
For accurate monitoring via the shunt resistor, a mini-
mized layer resistance from point VS / shunt to Pin 6 is
recommended.
Pin 7, Lamp outage detection
The lamp current is monitored via an external shunt
resistor R3 and an internal comparator K1 with its
reference voltage of typ. 81 mV (VS = 12 V). The outage
of one lamp out of two lamps is detected according to the
following calculation:
Nominal current of 1 lamp: 21 W / (VS = 12 V):
Ilamp = 1.75 A
Nominal current of 2 lamps: 2 x 21 W / (VS = 12 V):
Ilamp = 3.5 A.
The detection threshold is recommended to be set in the
middle of the current range: Ioutage
[ 2.7 A
Thus the shunt resistor is calculated as:
R3 = VT (K1) / Ioutage
R3 = 81 mV/2.7 A = 30 m
W.
Comparator K1‘s reference voltage is matched to the
characteristics of filament lamps (see “control signal
threshold” in the data part).
The combination of shunt resistor and resistance of wire
harness prevents Pin 7 from a too high voltage in the case
of shorted lamps.
Pin 8, Start input
Start condition for flashing: the voltage at Pin 8 has to be
below K3 threshold (flasher switch closed).
Humidity and dirt may decrease the resistance between
49 a and GND. If this leakage resistance is
u 5 kW the IC
is still kept in its off-condition. In this case the voltage at
Pin 8 is between the thresholds of comparators K2 and
K3.
During the bright phase the voltage at Pin 8 is above the
K2 threshold, during the dark phase it is below the K3
threshold. For proper start conditions a minimum lamp
wattage of 1 W is required.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com