Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5557 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T5557
Description  Multifunctional 330-bit Read/Write RF-Identification IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5557 Datasheet(HTML) 4 Page - ATMEL Corporation

  T5557 Datasheet HTML 1Page - ATMEL Corporation T5557 Datasheet HTML 2Page - ATMEL Corporation T5557 Datasheet HTML 3Page - ATMEL Corporation T5557 Datasheet HTML 4Page - ATMEL Corporation T5557 Datasheet HTML 5Page - ATMEL Corporation T5557 Datasheet HTML 6Page - ATMEL Corporation T5557 Datasheet HTML 7Page - ATMEL Corporation T5557 Datasheet HTML 8Page - ATMEL Corporation T5557 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
T5557
4517E–RFID–02/03
Modulator
The modulator consists of data encoders for the following basic types of modulation:
Table 1. Types of e5550-compatible Modulation Modes
Notes:
1. A common multiple of bitrate and FSK frequencies is recommended.
2. In PSK mode the selected data rate has to be an integer multiple of the PSK
sub-carrier frequency.
Memory
The memory is a 330-bit EEPROM, which is arranged in 10 blocks of 33 bits each. All 33
bits of a block, including the lock bit, are programmed simultaneously.
Block 0 of page 0 contains the mode/configuration data, which is not transmitted during
regular-read operations. Block 7 of page 0 may be used as a write protection password.
Bit 0 of every block is the lock bit for that block. Once locked, the block (including the
lock bit itself) is not re-programmable through the RF field again.
Blocks 1 and 2 of page 1 contain traceability data and are transmitted with the modula-
tion parameters defined in the configuration register after the opcode ’11’ is issued by
the reader (see Figure 11). These tracebility data blocks are programmed and locked by
Atmel.
Figure 4. Memory Map
Mode
Direct Data Output
FSK1a
(1)
FSK/8-/5
‘0’ = rf/8;
‘1’ = rf/5
FSK2a
(1)
FSK/8-/10
‘0’ = rf/8;
‘1’ = rf/10
FSK1
(1)
FSK/5-/8
‘0’ = rf/5;
‘1’ = rf/8
FSK2
(1)
FSK/10-/8
‘0’ = rf/10;
1’ = rf/8
PSK1
(2)
Phase change when input changes
PSK2
(2)
Phase change on bit clock if input high
PSK3
(2)
Phase change on rising edge of input
Manchester
‘0’ = falling edge, ‘1’ = rising edge
Biphase
‘1’ creates an additional mid-bit change
NRZ
‘1’ = damping on, ‘0’ = damping off
L
L
L
L
L
L
L
L
Block 7
Block 6
Block 5
Block 4
Block 3
Block 2
Block 1
Block 0
User data or password
32 bits
User data
User data
User data
User data
User data
User data
Configuration data
132
0
Not transmitted
Block 2
Block 1
Traceability data
Traceability data
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com