Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VA16 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TS68302VA16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VA16 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TS68302VA16 Datasheet HTML 9Page - ATMEL Corporation TS68302VA16 Datasheet HTML 10Page - ATMEL Corporation TS68302VA16 Datasheet HTML 11Page - ATMEL Corporation TS68302VA16 Datasheet HTML 12Page - ATMEL Corporation TS68302VA16 Datasheet HTML 13Page - ATMEL Corporation TS68302VA16 Datasheet HTML 14Page - ATMEL Corporation TS68302VA16 Datasheet HTML 15Page - ATMEL Corporation TS68302VA16 Datasheet HTML 16Page - ATMEL Corporation TS68302VA16 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
13
TS68302
2117A–HIREL–11/02
Table 8. AC Electrical Specifications
IMP Bus Master Cycles (see Figure 7, Figure 8 and Figure 9) f = 16.67 MHz
Num.
Symbol
Parameter
Min
Max
Unit
6t
CHFCADV
Clock high to FC, address valid
45
ns
7tCHADZ
Clock high to address, data bus high impedance (maximum)
50
ns
8t
CHAFI
Clock high to address, FC invalid (minimum)
0
ns
9t
CHSL
Clock high to AS, DS asserted
(1)
330
ns
11
t
AFCVSL
Address, FC valid to AS, DS asserted (read)/AS asserted
(write)
(2)
15
ns
12
t
CLSH
Clock low to AS, DS negated
(1)
30
ns
13
tSHAFI
AS, DS negated to address, FC invalid
(2)
15
ns
14
t
SL
AS (and DS read) width asserted
(2)
120
ns
14A
t
DSL
DS width asserted, write
(2)
60
ns
15
tSH
AS, DS width negated
(2)
60
ns
16
t
CHCZ
Clock high to control bus high impedance
50
ns
17
t
SHRH
AS, DS negated to R/W invalid
(2)
15
ns
18
tCHRH
Clock high to R/W high
(1)
30
ns
20
t
CHRL
Clock high to R/W low
(1)
30
ns
20A
t
ASRV
AS asserted to R/W low (write)
(2)(3)
10
ns
21
tAFCVRL
Address FC valid to R/W low (write)
(2)
15
ns
22
t
RLSL
R/W low to DS asserted (write)
(2)
30
ns
23
t
CLDO
Clock low to data-out valid
30
ns
25
tSHDOI
AS, DS, negated to data-out invalid (write)
(2)
15
ns
26
t
DOSL
Data-out valid to DS asserted (write)
(2)
15
ns
27
t
DICL
Data-in valid to clock low (Setup time on read)
(4)
7ns
28
tSHDAH
AS, DS negated to DTACK negated (asynchronous hold)
(2)
0
110
ns
29
t
SHDII
AS, DS negated to data-in invalid (hold time on read)
0
ns
30
t
SHBEH
AS, DS negated to BEER negated
0
ns
31
tDALDI
DTACK asserted to data-in valid (setup time)
(2)(4)
50
ns
32
t
RHr, tRHf
HALT and RESET input transition time
150
ns
33
t
CHGL
Clock high to BG asserted
30
ns
34
tCHGH
Clock high to BG negated
30
ns
35
t
BRLGL
BR asserted to BG asserted
2.5
4.5
clks
36
t
BRHGH
BR negated to BG negated
(5)
1.5
2.5
clks
37
tGALGH
BGACK asserted to BG negated
2.5
4.5
clks
37A
t
GALBRH
BGACK asserted to BG negated
(6)
10
1.5
ns/clks
38
t
GLZ
BG asserted to control, address, data bus high impedance
(AS negated)
50
ns
39
t
GH
BG width negated
1.5
clks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com