Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1 Datasheet(PDF) 4 Page - MMD Components

Part # DF1
Description  D & F Series Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

DF1 Datasheet(HTML) 4 Page - MMD Components

  DF1_12 Datasheet HTML 1Page - MMD Components DF1_12 Datasheet HTML 2Page - MMD Components DF1_12 Datasheet HTML 3Page - MMD Components DF1_12 Datasheet HTML 4Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
10/20/10 P
Specifications are subject to change without notice.
Pg 4 of 4
11.50 [.453]
MAX
12.70 [.500]
MAX
4.80 [.189]
MAX
4.20 [.165]
MAX
0.65 [.026]
0.95 [.037]
4.40 [.173]
5.00 [.197]
4.00 [.157]
5.00 [.197]
1.50 [.059]
1.50 [.059]
DIMENSION IN BRACKETS ARE IN INCHES
SUGGESTED
LAND PATTERN
4.00 [.157]
CRYSTAL
CASE GROUND
PIN CONNECTIONS
PIN 1
PIN 2
PIN 3
CRYSTAL
1
2
3
PITCH
12.00 [.471]
TAPE WIDTH
24.00 [.942]
330 [13.0]
REEL DIA
COUNT
1000pcs
Pitch
Tape Width
REEL DIA
3rd Lead Mechanical Details
3rd Lead Tape & Reel Dimensions
NOTES: UNLESS OTHERWISE SPECIFIED
Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
Dimensions are in millimeters.
Tolerances are ±0.10 [.004] mm unless otherwise specified.
Do not scale drawing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com