Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1 Datasheet(PDF) 1 Page - MMD Components

Part # DF1
Description  D & F Series Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

DF1 Datasheet(HTML) 1 Page - MMD Components

  DF1 Datasheet HTML 1Page - MMD Components DF1 Datasheet HTML 2Page - MMD Components DF1 Datasheet HTML 3Page - MMD Components DF1 Datasheet HTML 4Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
10/20/10 P
Specifications are subject to change without notice.
Pg 1 of 4
D
D &
& FF SSeerriieess C
Crryyssttaall
 HC-49/S SMD Crystal
 3rd Lead Ground Option Available
 Wide Frequency Range
 Fundamental or 3rd OT AT Cut
Environmental & Mechanical Detail
Marking Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Frequency Range
3.200MHz to 80.000MHz
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-55°C to +125°C
Aging
±5ppm / first year Max
Shunt Capacitance
7pF Max
Load Capacitance
20pF Standard
(See Part Number Guide for Options)
Equivalent Series Resistance
See ESR Chart
Mode of Operation
See ESR Chart
Drive Level
1mW Max
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant


Similar Part No. - DF1

ManufacturerPart #DatasheetDescription
logo
GREATECS
DF1 GREATECS-DF1 Datasheet
328Kb / 1P
Vertical Type Detector Switches
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
2.5mm Pitch Connector for Discrete Wire Connection
logo
SiPower Inc.
DF1 SIPOWER-DF1 Datasheet
261Kb / 2P
Bridge Rectifier
logo
Hirose Electric
DF1-10A1.05 HIROSE-DF1-10A1.05 Datasheet
197Kb / 7P
2.5mm Pitch Connector for Discrete Wire Connection
DF1-10A1.33 HIROSE-DF1-10A1.33 Datasheet
211Kb / 8P
2.5mm Pitch Connector for Discrete Wire Connection
More results

Similar Description - DF1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
logo
Ramtron International C...
FM3135 RAMTRON-FM3135 Datasheet
267Kb / 21P
Integrated RTC/Alarm/F-RAM & Embedded Crystal
logo
NEC
FSVP20E107M NEC-FSVP20E107M Datasheet
147Kb / 4P
F/SV Series
logo
MMD Components
DF MMD-DF_12 Datasheet
171Kb / 4P
D & F Series Crystal
logo
HARTING Technology Grou...
09-15-000-6297 HARTING-09-15-000-6297 Datasheet
457Kb / 2P
Han D F-ontact f. Han Q12/0 PCB adapter
09-15-000-6295 HARTING-09-15-000-6295 Datasheet
450Kb / 2P
Han D F contact f. PCB adapter Au
09-15-000-6293 HARTING-09-15-000-6293 Datasheet
451Kb / 2P
Han D-F-contact f. Han Q4/2 PCB adapter
09-15-000-6291 HARTING-09-15-000-6291 Datasheet
451Kb / 2P
Han D-F-contact f. Han DDD PCB adapter
2021-10-01
09-99-000-0991 HARTING-09-99-000-0991 Datasheet
541Kb / 1P
Locator Han D f. 0990
2021-11-20
logo
RAYEX ELECTRONICS CO., ...
LEG-F RAYEX-LEG-F Datasheet
500Kb / 2P
LEG-F SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com