Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G Datasheet(PDF) 1 Page - MMD Components

Part # G
Description  G Seriies Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

G Datasheet(HTML) 1 Page - MMD Components

  G_13 Datasheet HTML 1Page - MMD Components G_13 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
Revision:
07/10/13 J
Specifications are subject to change without notice.
Pg 1
G
G S
Se
erriie
ess C
Crryysstta
all
 5mm X 7mm X 4 Pads Ceramic Package
 Wide Frequency Range
 Tight Tolerance and Stability
 Tape and Reel Packaging
Environmental & Mechanical Detail
Marking Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Frequency Range
6.000MHZ to 100.000MHZ
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-40°C to +85°C
Aging
±5ppm / first year Max
Shunt Capacitance
7pF Max
Load Capacitance
20pF Standard
(See Part Number Guide for Options)
Equivalent Series Resistance
See ESR Chart
Mode of Operation
Fundamental, or 3rd OT
Drive Level
100µW Typical
Insulation Resistance
500 Megaohms Min at 100VDC
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Numerical Date Code (Year/
Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant


Similar Part No. - G_13

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
G113 MULTICOMP-G113 Datasheet
444Kb / 2P
Diecast Aluminium Enclosures
04/08/20 V1.0
logo
List of Unclassifed Man...
G1130 ETC2-G1130 Datasheet
80Kb / 2P
Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1130 ETC2-G1130 Datasheet
81Kb / 2P
Heyco Rubber Grommets
logo
Heyco.
G1130 HEYCO-G1130 Datasheet
92Kb / 1P
Rubber Grommets
logo
List of Unclassifed Man...
G1132 ETC2-G1132 Datasheet
74Kb / 1P
Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
More results

Similar Description - G_13

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB563Z4E1P OPTOSUPPLY-OSB563Z4E1P Datasheet
117Kb / 1P
3 in 1 Seriies Super Fllux Bllue LED
OSG583Z4E1P OPTOSUPPLY-OSG583Z4E1P Datasheet
116Kb / 1P
3 in 1 Seriies Super Fllux Pure Green LED
OSR5M3Z4E1P OPTOSUPPLY-OSR5M3Z4E1P Datasheet
110Kb / 1P
3 iin 1 Seriies Super Fllux Red LED
OSY5M3Z4E1P OPTOSUPPLY-OSY5M3Z4E1P Datasheet
118Kb / 1P
3 iin 1 Seriies Super Fllux Yellllow LED
logo
Vectron International, ...
OX-043 VECTRON-OX-043_14 Datasheet
705Kb / 6P
Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-080 VECTRON-OX-080_14 Datasheet
721Kb / 5P
Low g-Sensitivity Oven Controlled Crystal Oscillator
TX-508 VECTRON-TX-508_14 Datasheet
223Kb / 5P
Temperature Compensated Crystal Oscillator Low G-Sensitivity
TX-707 VECTRON-TX-707_17 Datasheet
1,006Kb / 7P
Low g-Sensitivity Temperature Compensated Crystal Oscillator
OX-043 VECTRON-OX-043_17 Datasheet
828Kb / 6P
Low g-Sensitivity Oven Controlled Crystal Oscillator
logo
Generalplus Technology ...
GPCLA1 GENERALPLUS-GPCLA1 Datasheet
428Kb / 19P
Low Power Sound Conttrollller Seriies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com