Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAV Datasheet(PDF) 1 Page - MMD Components

Part # MAV
Description  MAP, MAL & MAV Series Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MAV Datasheet(HTML) 1 Page - MMD Components

  MAV Datasheet HTML 1Page - MMD Components MAV Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
03/18/11 J
Subject to change without notice
Pg 1 of 2
Revision:
M
MA
AP
P,, M
MA
ALL &
& M
MA
AV
V S
Se
erriie
ess O
Osscciilllla
atto
orr
Marking Detail
Mechanical & Environmental Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
LVDS
LVPECL
PECL
Frequency Range
12.500MHz to 800.000MHZ
Frequency Stability*
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Aging
±5 ppm / yr max
Logic “0”
1.43V typ
Vdd – 1.620 VDC max
Vdd – 1.620 VDC max
Logic “1”
1.10V typ
Vdd- 1.025 vdc min
Vdd- 1.025 vdc min
Supply Voltage (Vdd)
Supply Current
2.5VDC ± 5%
50 mA max
50 mA max
N/A
3.3VDC ± 5%
60 mA max
60 mA max
N/A
5.0VDC ± 5%
N/A
N/A
140 mA max
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Rise / Fall Time (20% to 80%)
2nSec max
Load
50Ω
50Ω
Start Time
10mSec max
Phase Jitter (12kHz to 20MHz)
Less than 1 pSec
* Inclusive of Temp., Load, and Voltage
50Ω
 Industry Standard Package
 Wide Frequency Range
 RoHS Compliant Available
 Less than 1 pSec Jitter


Similar Part No. - MAV

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAV-11A MINI-MAV-11A Datasheet
73Kb / 1P
MAV-11A Monolithic Amplifier 50OHM 50 to 2000 MHz
MAV-11BSM MINI-MAV-11BSM Datasheet
52Kb / 1P
Monolithic Amplifier
MAV-11SM MINI-MAV-11SM Datasheet
209Kb / 1P
MONOLITHIC AMPLIFIERS 50 Ohm
MAV-1SM MINI-MAV-1SM Datasheet
209Kb / 1P
MONOLITHIC AMPLIFIERS 50 Ohm
MAV-2SM MINI-MAV-2SM Datasheet
209Kb / 1P
MONOLITHIC AMPLIFIERS 50 Ohm
More results

Similar Description - MAV

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6450A NJRC-NJU6450A Datasheet
870Kb / 28P
BIT MAP LCD DRIVER
NJU6452A NJRC-NJU6452A Datasheet
865Kb / 28P
BIT MAP LCD DRIVER?
NJU6570 NJRC-NJU6570 Datasheet
818Kb / 26P
BIT MAP LCD DRIVER
NJU6575A NJRC-NJU6575A Datasheet
1Mb / 37P
BIT MAP LCD DRIVER???
NJU6578 NJRC-NJU6578 Datasheet
1Mb / 36P
BIT MAP LCD DRIVER????
NJU6583 NJRC-NJU6583 Datasheet
1Mb / 40P
BIT MAP LCD DRIVER????
NJU6675 NJRC-NJU6675 Datasheet
1Mb / 36P
BIT MAP LCD DRIVER????
logo
AVX Corporation
MAV0020WP AVX-MAV0020WP Datasheet
88Kb / 3P
Miniature AC Varistor ??MAV
logo
Mallory performance clu...
PN2933 MALLORY-PN2933 Datasheet
2Mb / 4P
Atomic MAP Sensor
logo
Total Power Internation...
MAV0020WP TOTAL-POWER-MAV0020WP Datasheet
125Kb / 3P
Miniature AC Varistor ??MAV
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com