Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP550 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP550
Description  Cutting-edge SIP feature set meets Polycom HD Voice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP550 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP550 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP550 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP550 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
Polycom® SoundPoint® IP 550
Cutting-edge SIP feature set meets Polycom HD Voice™
Revolutionary sound quality and advanced features in a four-line
SIP phone
Introducing the SoundPoint IP 550 desktop phone, a four-line SIP phone that delivers
calls of unprecedented richness and clarity and supports a comprehensive range of
cutting-edge features.
Unparalleled sound quality
The SoundPoint IP 550 desktop phone features Polycom’s revolutionary HD Voice™
technology, which brings life-like richness and clarity to every call.1,5 Polycom HD Voice
technology incorporates wideband audio for over twice the voice clarity; Polycom’s
patented Acoustic Clarity Technology for crystal-clear, noise- and echo-free sound,
plus best-in-class system design for high-fidelity, faithful voice reproduction.
Comprehensive, cutting-edge feature set1
The SoundPoint IP 550 desktop phone delivers advanced features and capabilities,
such as shared call/ bridged line appearance, busy lamp field (BLF), presence, text
messaging, and buddy lists. The SoundPoint IP 550 phone also boasts an integrated
XHTML micro-browser that allows users to take advantage of productivity-enhancing
Web-based applications. Add the support of four lines, a backlit, high-resolution,
easy-to-read graphical display and flexible customizations options, and it becomes
clear why the SoundPoint IP 550 is certain to meet the voice communication needs of
the most demanding managers and professionals.
Efficient installation and provisioning
The SoundPoint IP 550 desktop phone is engineered to make installation,
configuration, and upgrades as simple and efficient as possible. The phone’s built-in
IEEE 802.3af PoE circuitry and a dual-port Ethernet switch enable flexible deployment
options and savings on cabling expenses. The SoundPoint IP 550 phone supports
remote, zero-touch provisioning and upgrades from a variety of servers, including
FTP, TFTP, HTTP3, or HTTPS3. To ensure reliable, uninterrupted performance, the
phone supports boot4 and call server redundancy.
Broad interoperability
The SoundPoint IP 550 desktop phone has been tested and certified to deliver
comprehensive interoperability and extensive feature support with leading SIP-based
call control platforms by BroadSoft, Sylantro, Interactive Intelligence/Vonexus, Digium,
and other Polycom Technology and Interoperability Partners2. The phone also
interoperates with Microsoft® Live Communications Server (LCS) 2005 for telephony
and presence. Therefore, whether the SoundPoint IP 550 phone is deployed in
conjunction with an IP PBX or a hosted VoIP service, you can rely on it to deliver on
its promise of outstanding sound quality and industry-leading SIP feature set.
Benefits
•
Revolutionary voice quality –
Polycom HD Voice technology
enables life-like richness,
clarity, and interactivity of
voice communications5
•
Advanced features & applications1
– Four lines
– Backlit 320 x 160-pixel graphical
grayscale LCD
– Shared call/bridged
line appearance
– Busy lamp field (BLF)
– Presence, buddy lists
XHTML micro-browser for
Web applications
•
Efficient installation
and provisioning
– Integrated IEEE 802.3af Power
over Ethernet (PoE) support
– Remote, zero-touch provisioning
with support of a variety
of servers
•
Broad and robust interoperability –
Certified to support a
comprehensive set of features
with a variety of leading SIP-based
IP PBX and Softswitch platforms2
and to interoperate with Microsoft
Live Communications Server for
telephony and presence4


Similar Part No. - IP550

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5506 INJOINIC-IP5506 Datasheet
1Mb / 16P
2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver
V1.0 2018
IP5506 INJOINIC-IP5506 Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
IP5506 INJOINIC-IP5506 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5506 INJOINIC-IP5506 Datasheet
1Mb / 13P
2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
V1.31 2019
IP5506 INJOINIC-IP5506 Datasheet
1Mb / 41P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
V1.22
More results

Similar Description - IP550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM336P ETC-DM336P Datasheet
341Kb / 40P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
CMA4000 ETC2-CMA4000 Datasheet
583Kb / 2P
Polycom Converged Management Application 4000
CMA5000 ETC2-CMA5000 Datasheet
549Kb / 2P
Polycom Converged Management Application 5000
logo
Rosenberger Hochfrequen...
02W004-000 ROSENBERGER-02W004-000 Datasheet
35Kb / 1P
CUTTING BIT
logo
PHOENIX CONTACT
1602216 PHOENIX-1602216 Datasheet
93Kb / 5P
Plug-in connector set - DC-B 6-SET-HD-M20-M-7X4-UT
1602229 PHOENIX-1602229 Datasheet
93Kb / 5P
Connector set - DC-B 6-SET-HD-M25-M-7X4-UT
logo
TOKYO SEIMITSU CO., LTD
DS ACCRETECH-DS Datasheet
476Kb / 2P
Higher cutting ability, better cutting quality
logo
PHOENIX CONTACT
1200098 PHOENIX-1200098 Datasheet
41Kb / 1P
Cable-cutting tool - CF-10 WHEEL SET PU
1200099 PHOENIX-1200099 Datasheet
41Kb / 1P
Cable-cutting tool - CF-10 WHEEL SET STEEL
1207271 PHOENIX-1207271 Datasheet
40Kb / 2P
Cable-cutting tool - CF-10 WHEEL SET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com