Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7011 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7011
Description  Hinged top panel for 352HL and 352HS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7011 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7011 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7011 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7011 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7011 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11.71
10.21
A
A
B
B
Open 325HL with bottom flanges (2 included)
and left hinged top plate.
Aluminum panels are not included.
For illustration only.
7.13
.33
325HL with bottom rotating feet (4 included)
8.75
(Bottom plate length)
10.04
(Top hinged plate lenght)
9.71
SECTION A-A
6.88
(Bottom
plate
lenght)
8.14
(Top
hinged
plate
lenght)
.44
(Boss
height)
5.76
(Top plate height)
6.82
Internal total clearance
6.00
Bottom height
7.84
SECTION B-B
Hinge for top plate
(mounted left or right)
-Material: UV stabilized Polycarbonate
Flammability UL 94 V-0
-Watertight enclosure meets or
exceed Nema 4 and or IP67.
PARTS INCLUDED
P/N
Qty.
Description
352 HLT
1
352 HL Top
350 HLB 1
350 HL Bottom
8300
1
300 O-ring
1304
2
Hinge pin
7011
2
710 / 720 /920 Safty Latch
7036
2
Latch pin
1305
2
350 Flange
1306
4
350 Feet
1307
2
350 Panel hinge pin
1308
1
350 Panel hinge A
1309
1
350 Panel hinge B
6028
4
SS #10 X 5/8" Pan H/L
I
352HL
Ph. (626) 331-0517 Fx. (626) 331-8584 serpac.com
2009 Wright Ave. La Verne, CA 91750
9/2/11
ALL DIMENSIONS ARE ± .010"


Similar Part No. - 7011

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
7011 ASM-SENSOR-7011 Datasheet
1Mb / 4P
DC SIGNAL SOURCE
logo
Bourns Electronic Solut...
7011 BOURNS-7011 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Christian Bürkert GmbH ...
7011 BURKERT-7011 Datasheet
1Mb / 24P
Direct-acting 2/2-way plunger valve
20.03.2024
7011 BURKERT-7011 Datasheet
1Mb / 21P
Mass flow controller (MFC)/mass flowmeter (MFM) for gases
20.12.2023
7011 BURKERT-7011 Datasheet
814Kb / 10P
2-way proportional valve with pressure relief
20.02.2024
More results

Similar Description - 7011

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBX-10915 BUD-NBX-10915 Datasheet
77Kb / 1P
LOCKING HASP KIT, INTERNAL PANEL HINGED BRACKET KIT
logo
List of Unclassifed Man...
A8N86 ETC2-A8N86 Datasheet
641Kb / 2P
Hinged-Cover Type 1 Boxes, Enclosures and Acc essories
logo
Tripp Lite. All Rights ...
N060002 TRIPPLITE-N060002 Datasheet
475Kb / 2P
2U Hinged Wall-Mount Patch Panel Bracket
N060004 TRIPPLITE-N060004 Datasheet
471Kb / 2P
4U Hinged Wall-Mount Patch Panel Bracket
N060-002 TRIPPLITE-N060-002 Datasheet
151Kb / 2P
2U Hinged Wall-Mount Patch Panel Bracket, TAA
N060-004 TRIPPLITE-N060-004 Datasheet
153Kb / 2P
4U Hinged Wall-Mount Patch Panel Bracket, TAA
N060-001 TRIPPLITE-N060-001 Datasheet
156Kb / 2P
1U Hinged Wall-Mount Patch Panel Bracket
SRWO8UBRKT TRIPPLITE-SRWO8UBRKT Datasheet
165Kb / 2P
8U Wall-Mount Bracket for Small Switches and Patch Panels, Hinged
logo
HARTING Technology Grou...
09-14-024-0303 HARTING-09-14-024-0303 Datasheet
484Kb / 2P
Hinged frame 24B for 6 modules (A..F)
2021-10-01
09-14-024-0313 HARTING-09-14-024-0313 Datasheet
493Kb / 2P
Hinged frame 24B for 6 modules (a..f)
2021-10-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com