Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA040 Datasheet(PDF) 6 Page - Microchip Technology

Part # 25AA040
Description  4K SPI Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA040 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 25AA040 Datasheet HTML 2Page - Microchip Technology 25AA040 Datasheet HTML 3Page - Microchip Technology 25AA040 Datasheet HTML 4Page - Microchip Technology 25AA040 Datasheet HTML 5Page - Microchip Technology 25AA040 Datasheet HTML 6Page - Microchip Technology 25AA040 Datasheet HTML 7Page - Microchip Technology 25AA040 Datasheet HTML 8Page - Microchip Technology 25AA040 Datasheet HTML 9Page - Microchip Technology 25AA040 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
25AA040/25LC040/25C040
DS21204E-page 6
© 2006 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
Chip Select (CS)
A low level on this pin selects the device. A high level
deselects the device and forces it into Standby mode.
However, a programming cycle which is already
initiated or in progress will be completed, regardless of
the CS input signal. If CS is brought high during a
program cycle, the device will go in Standby mode as
soon as the programming cycle is complete. When the
device is deselected, SO goes into the high-impedance
state, allowing multiple parts to share the same SPI
bus. A low-to-high transition on CS after a valid write
sequence initiates an internal write cycle. After power-
up, a low level on CS is required prior to any sequence
being initiated.
2.2
Serial Output (SO)
The SO pin is used to transfer data out of the 25XX040.
During a read cycle, data is shifted out on this pin after
the falling edge of the serial clock.
2.3
Write-Protect (WP)
This pin is a hardware write-protect input pin. When
WP is low, all writes to the array or STATUS register
are disabled, but any other operation functions
normally. When WP is high, all functions, including
nonvolatile writes operate normally. WP going low at
any time will reset the write enable latch and inhibit
programming, except when an internal write has
already begun. If an internal write cycle has already
begun, WP going low will have no effect on the write.
See Table 3-3 for Write-Protect Functionality Matrix.
2.4
Serial Input (SI)
The SI pin is used to transfer data into the device. It
receives instructions, addresses and data. Data is
latched on the rising edge of the serial clock.
2.5
Serial Clock (SCK)
The SCK is used to synchronize the communication
between a master and the 25XX040. Instructions,
addresses or data present on the SI pin are latched on
the rising edge of the clock input, while data on the SO
pin is updated after the falling edge of the clock input.
2.6
Hold (HOLD)
The HOLD pin is used to suspend transmission to the
25XX040 while in the middle of a serial sequence
without having to retransmit the entire sequence again
at a later time. It must be held high any time this func-
tion is not being used. Once the device is selected and
a serial sequence is underway, the HOLD pin may be
pulled low to pause further serial communication
without resetting the serial sequence. The HOLD pin
must be brought low while SCK is low, otherwise the
HOLD function will not be invoked until the next SCK
high-to-low transition. The 25XX040 must remain
selected during this sequence. The SI, SCK and SO
pins are in a high-impedance state during the time the
part is paused and transitions on these pins will be
ignored. To resume serial communication, HOLD must
be brought high while the SCK pin is low, otherwise
serial communication will not resume. Lowering the
HOLD line at any time will tri-state the SO line.
Name
PDIP
SOIC
TSSOP
Description
CS
1
1
3
Chip Select Input
SO
2
2
4
Serial Data Output
WP
3
3
5
Write-Protect Pin
VSS
4
4
6
Ground
SI
5
5
7
Serial Data Input
SCK
6
6
8
Serial Clock Input
HOLD
7
7
1
Hold Input
VCC
8
8
2
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com