Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1129CS8
Description  Micropower Low Dropout Regulators with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1129CS8 Datasheet HTML 1Page - Linear Technology LT1129CS8 Datasheet HTML 2Page - Linear Technology LT1129CS8 Datasheet HTML 3Page - Linear Technology LT1129CS8 Datasheet HTML 4Page - Linear Technology LT1129CS8 Datasheet HTML 5Page - Linear Technology LT1129CS8 Datasheet HTML 6Page - Linear Technology LT1129CS8 Datasheet HTML 7Page - Linear Technology LT1129CS8 Datasheet HTML 8Page - Linear Technology LT1129CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1129/LT1129-3.3/LT1129-5
1
112935ff
TYPICAL APPLICATION
DESCRIPTION
Micropower Low Dropout
Regulators with Shutdown
The LT
®1129/LT1129-3.3/LT1129-5 are micropower low
dropout regulators with shutdown. The devices are capable
of supplying 700mA of output current with a dropout
voltage of 400mV at maximum output. Designed for use
in battery-powered systems, the low quiescent current,
50μA operating and 16μA in shutdown, make them an ideal
choice. The quiescent current does not rise in dropout as
it does with many other low dropout PNP regulators.
Other features of the LT1129 /LT1129-3.3/LT1129-5 include
the ability to operate with small output capacitors. They
are stable with only 3.3μF on the output while most older
devices require between 10μF and 100μF for stability. Also
the input may be connected to ground or a reverse voltage
without reverse current flow from output to input. This
makes the LT1129/LT1129-3.3/LT1129-5 ideal for backup
power situations where the output is held high and the
input is at ground or reversed. Under these conditions,
only 16μA will flow from the output pin to ground. The
devices are available in 5-lead TO-220, 5-lead DD-Pak and
3-lead SOT-223 packages.
FEATURES
APPLICATIONS
n 400mV Dropout Voltage
n 700mA Output Current
n 50μA Quiescent Current
n No Protection Diodes Needed
n Adjustable Output from 3.8V to 30V
n 3.3V and 5V Fixed Output Voltages
n Controlled Quiescent Current in Dropout
n Shutdown
n 16μA Quiescent Current in Shutdown
n Stable with 3.3μF Output Capacitor
n Reverse Battery Protection
n No Reverse Output Current
n Thermal Limiting
n Surface Mount SOT-223 and DD-Pak Packages
n Low Current Regulator
n Regulator for Battery-Powered Systems
n Post Regulator for Switching Supplies
n 5V to 3.3V Logic Regulator
5V Supply with Shutdown
IN
OUT
LT1129-5
GND
5V OUT
500mA
VIN > 5.5V
3.3μF
SOLID TANTALUM
+
SENSE
112935 TA01
VSHDN (PIN 4)
< 0.25
> 2.8
NC
OUTPUT
OFF
ON
ON
SHDN
1
2
3
4
5
OUTPUT CURRENT (A)
0
0.4
0.5
0.6
0.3
0.5
0.3
0.2
0.1
0.2
0.4
0.6
0.7
0.1
0
112935 TA02
Dropout Voltage
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1129CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129CS8 LINER-LT1129CS8 Datasheet
276Kb / 12P
Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129CS8 LINEAR-LT1129CS8 Datasheet
175Kb / 16P
Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129CS8 LINER-LT1129CS8 Datasheet
160Kb / 16P
400mV Dropout Voltage
LT1129CS8 LINER-LT1129CS8 Datasheet
182Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1129CS8-3.3 LINER-LT1129CS8-3.3 Datasheet
276Kb / 12P
Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com