Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV625A Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSV625A
Description  Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV625A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSV625A Datasheet HTML 10Page - STMicroelectronics TSV625A Datasheet HTML 11Page - STMicroelectronics TSV625A Datasheet HTML 12Page - STMicroelectronics TSV625A Datasheet HTML 13Page - STMicroelectronics TSV625A Datasheet HTML 14Page - STMicroelectronics TSV625A Datasheet HTML 15Page - STMicroelectronics TSV625A Datasheet HTML 16Page - STMicroelectronics TSV625A Datasheet HTML 17Page - STMicroelectronics TSV625A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Application information
TSV62x, TSV62xA
14/25
Doc ID 15689 Rev 5
4.4
Optimization of DC and AC parameters
These devices use an innovative approach to reduce the spread of the main DC and AC
parameters. An internal adjustment achieves a very narrow spread of current consumption
(29 µA typical, min/max at ±17%). Parameters linked to the current consumption value,
such as GBP, SR and AVd benefit from this narrow dispersion. All parts present a similar
speed and the same behavior in terms of stability. In addition, the minimum values of GBP
and SR are guaranteed (GBP = 350 kHz min, SR = 0.12 V/µs min).
4.5
Shutdown function (TSV623, TSV625)
The operational amplifier is enabled when the SHDN pin is pulled high. To disable the
amplifier, the SHDN must be pulled down to VCC-. When in shutdown mode, the amplifier
output is in a high impedance state. The SHDN pin must never be left floating but tied to
VCC+ or VCC-. The turn-on and turn-off times are calculated for an output variation of
±
200 mV (Figure 18 and Figure 19 show the test configurations). Figure 20 and Figure 21
show output voltage behavior when the SHDN pin is toggled.
Figure 18. Test configuration for turn-on time
(Vout pulled down)
Figure 19. Test configuration for turn-off time
(Vout pulled down)
Figure 20. Turn-on time, VCC = ±2.5 V,
Vout pulled down, T = 25° C
Figure 21. Turn-off time, VCC = ±2.5 V,
Vout pulled down, T = 25° C
Shutdown puls e
Vout
Time( s )
µ
L
T = 25 °C
Vcc = ±2.5 V
R connected to G N D
Shutdown puls e
Vout
Time( s )
µ
Vcc = ±2.5 V
T = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com