Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS10DFIV020 Datasheet(PDF) 29 Page - SPANSION

Part # S29GL01GS10DFIV020
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS10DFIV020 Datasheet(HTML) 29 Page - SPANSION

Back Button S29GL01GS10DFIV020 Datasheet HTML 25Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 26Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 27Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 28Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 29Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 30Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 31Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 32Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
29
Data
She e t
with invalid or unstable data values. In this case the same area will need to be reprogrammed with the same
data or erased to ensure data values are properly programmed or erased.
Figure 5.2 Write Buffer Programming Operation with Data Polling Status
Notes:
1. DQ7 should be rechecked even if DQ5 = 1 because DQ7 may change simultaneously with DQ5.
2. If this flowchart location was reached because DQ5 = 1, then the device FAILED. If this flowchart location was reached because DQ1 = 1,
then the Write Buffer operation was ABORTED. In either case the proper RESET command must be written to the device to return the
device to READ mode. Write-Buffer-Programming-Abort-Rest if DQ1 = 1, either Software RESET or Write-Buffer-Programming-Abort-
Reset if DQ5 = 1.
3. See Table 6.1, Command Definitions on page 57 for the command sequence as required for Write Buffer Programming.
4. When Sector Address is specified, any address in the selected sector is acceptable. However, when loading Write-Buffer address
locations with data, all addresses MUST fall within the selected Write-Buffer Page.
Write “Write to Buffer”
command Sector Address
Write “Word Count”
to program - 1 (WC)
Sector Address
Write Starting Address/Data
WC = 0?
ABORT Write to
Buffer Operation?
Write to a different
Sector Address
Write to Buffer ABORTED.
Must write “Write-to-Buffer
ABORT RESET”
command sequence to
return to READ mode.
Write next Address/Data pair
WC = WC - 1
Write Program Buffer to Flash
Confirm, Sector Address
Read DQ7-DQ0 with
Addr = LAST LOADED ADDRESS
DQ7 = Data?
DQ5 = 1?
DQ1 = 1?
Read DQ7-DQ0 with
Addr = LAST LOADED ADDRESS
DQ7 = Data?
FAIL or ABORT
(Note 2)
PASS
No
Yes
(Note 4)
No
No
No
No
No
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com