Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1765ES8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1765ES8
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765ES8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1765ES8 Datasheet HTML 9Page - Linear Technology LT1765ES8 Datasheet HTML 10Page - Linear Technology LT1765ES8 Datasheet HTML 11Page - Linear Technology LT1765ES8 Datasheet HTML 12Page - Linear Technology LT1765ES8 Datasheet HTML 13Page - Linear Technology LT1765ES8 Datasheet HTML 14Page - Linear Technology LT1765ES8 Datasheet HTML 15Page - Linear Technology LT1765ES8 Datasheet HTML 16Page - Linear Technology LT1765ES8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
13
1765fd
APPLICATIONS INFORMATION
Example: with VIN = 10V, VOUT = 5V and IOUT = 2A:
P
W
PW
PW
SW
BOOST
Q
= (
)()()
+
()()( )()
=+
=
= ()(
)
=
=
()=
−
013 2
5
10
17 10
2 10 1 25 10
026 0 43
069
52 50
10
01
10 0 001
0 01
2
96
2
.
•.
•
..
.
/
.
..
Total power dissipation, PTOT, is 0.69 + 0.1 + 0.01 = 0.8W.
Thermal resistance for the LT1765 16-lead TSSOP exposed
pad package is influenced by the presence of internal or
backside planes. With a full plane under the package,
thermal resistance will be about 45°C/W. With no plane
under the package, thermal resistance will increase to
about 110°C/W. For the exposed pad package
θJC(PAD) =
10°C/W. Thermal resistance is dominated by board perfor-
mance. To calculate die temperature, use the appropriate
thermal resistance number and add in worst-case ambient
temperature:
TJ = TA + θJA (PTOT)
When estimating ambient, remember the nearby catch
diode will also be dissipating power.
P
VV
V
I
V
DIODE
F
IN
OUT
LOAD
IN
= ()
−
()(
)
VF = Forward voltage of diode (assume 0.5V at 2A)
PW
DIODE =
() −
()( )
=
05 10 5 2
10
05
.
.
Notice that the catch diode’s forward voltage contributes
a significant loss in the overall system efficiency. A larger,
lower VF diode can improve efficiency by several percent.
Typical thermal resistance of the board
θB is 35°C/W. At
an ambient temperature of 25°C,
TJ = TA + θJA(PTOT) + θB(PDIODE)
TJ = 25 + 45 (0.8) + 35 (0.5) = 79°C
DIE TEMPERATURE MEASUREMENT
If a true die temperature is required, a measurement of the
SYNC to GND pin resistance can be used. The SYNC pin
resistance across temperature must first be calibrated, with
no significant output load, in an oven. An initial value of
40k with a temperature coefficient of 0.16%/°C is typical.
The same measurement can then be used in operation to
indicate the die temperature.
FREQUENCY COMPENSATION
Before starting on the theoretical analysis of frequency
response, the following should be remembered—the worse
the board layout, the more difficult the circuit will be to
stabilize. This is true of almost all high frequency analog
circuits, read the ‘LAYOUT CONSIDERATIONS’ section first.
Common layout errors that appear as stability problems
are distant placement of input decoupling capacitor and/or
catch diode, and connecting the VC compensation to a
ground track carrying significant switch current. In addition,
the theoretical analysis considers only first order ideal
component behavior. For these reasons, it is important
that a final stability check is made with production layout
and components.
The LT1765 uses current mode control. This alleviates many
of the phase shift problems associated with the inductor.
The basic regulator loop is shown in Figure 7, with both
tantalum and ceramic capacitor equivalent circuits. The
LT1765 can be considered as two gm blocks, the error
amplifier and the power stage.
Figure 7. Model for Loop Response
1.2V
VSW
VC
LT1765
GND
1765 F07
R1
OUTPUT
ESR
CF
CC
RC
500k
ERROR
AMPLIFIER
FB
R2
C1
CURRENT MODE
POWER STAGE
gm = 5mho
gm =
850μmho
+
ESL
CERAMIC
TANTALUM
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com