Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM2002P Datasheet(PDF) 3 Page - AZ Displays

Part # ACM2002P
Description  ACM2002P SERIES LCD MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM2002P Datasheet(HTML) 3 Page - AZ Displays

  ACM2002P Datasheet HTML 1Page - AZ Displays ACM2002P Datasheet HTML 2Page - AZ Displays ACM2002P Datasheet HTML 3Page - AZ Displays ACM2002P Datasheet HTML 4Page - AZ Displays ACM2002P Datasheet HTML 5Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AZ DISPLAYS, INC.
3
6/18/97
ACM2002P SERIES LCD MODULE
6.0 POWER SUPPLY
7.0 BLOCK DIAGRAM
SEG1----------------------SEG100
3 VO
1 VSS
6 E
4 RS
5 R/W
2 VDD
U3
U2
8
LED/EL
(16) K
(15) A
14 DB7
14 DB7
7 DB0
20
40
LCD 20 X 2
COM1
40
COM16
16
COM
U1
VSS
VO
VDD
VR
+5V
VR = 10K
Ω ~ 20KΩ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com