Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3015MPQ Datasheet(PDF) 5 Page - Linear Technology

Part # LT3015MPQ
Description  1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3015MPQ Datasheet(HTML) 5 Page - Linear Technology

  LT3015MPQ Datasheet HTML 1Page - Linear Technology LT3015MPQ Datasheet HTML 2Page - Linear Technology LT3015MPQ Datasheet HTML 3Page - Linear Technology LT3015MPQ Datasheet HTML 4Page - Linear Technology LT3015MPQ Datasheet HTML 5Page - Linear Technology LT3015MPQ Datasheet HTML 6Page - Linear Technology LT3015MPQ Datasheet HTML 7Page - Linear Technology LT3015MPQ Datasheet HTML 8Page - Linear Technology LT3015MPQ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3015
5
3015f
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Dropout Voltage
(DD-PAK/TO-220)
Guaranteed Dropout Voltage
(DD-PAK/TO-220)
Dropout Voltage (DD-PAK/TO-220)
Quiescent Current
LT3015 ADJ Pin Voltage
LT3015 Output Voltage
Typical Dropout Voltage
(DFN/MSOP)
Guaranteed Dropout Voltage
(DFN/MSOP)
Dropout Voltage (DFN/MSOP)
TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
0
0
400
350
300
250
200
150
100
50
450
–0.8 –1 –1.2 –1.4 –1.6
–0.2 –0.4
3015 G01
–0.6
–55°C
–40°C
25°C
125°C
OUTPUT CURRENT (A)
0
0
500
400
300
200
100
600
–0.8 –1 –1.2 –1.4 –1.6
–0.2 –0.4
3015 G02
–0.6
TJ ≤ 25°C
TJ ≤ 125°C
= TEST POINTS
TEMPERATURE (°C)
–75
0
400
450
300
350
200
250
100
150
50
500
75 100 125 150 175
0
–25
–50
25
3015 G03
50
IL = –1.5A
IL = –0.5A
IL = –0.1A
IL = –1mA
OUTPUT CURRENT (A)
0
0
400
500
300
200
100
600
–0.8 –1 –1.2 –1.4 –1.6
–0.2 –0.4
3015 G04
–0.6
–55°C
–40°C
25°C
125°C
OUTPUT CURRENT (A)
0
0
500
600
700
400
300
200
100
800
–0.8 –1 –1.2 –1.4 –1.6
–0.2 –0.4
3015 G05
–0.6
= TEST POINTS
TJ ≤ 25°C
TJ ≤ 125°C
TEMPERATURE (°C)
–75
0
400
300
200
100
600
500
75 100 125 150 175
0
–25
–50
25
3015 G06
50
IL = –1.5A
IL = –0.5A
IL = –0.1A
IL = –1mA
TEMPERATURE (°C)
–75
0
–1
–0.8
–0.6
–0.4
–0.2
–1.4
–1.2
75 100 125 150 175
0
–25
–50
25
3015 G07
50
VSHDN = VIN
VIN = –6V
RL = 120kΩ, IL = –10μA
VOUT = –1.22V
VSHDN = 0V
TEMPERATURE (°C)
–75
–1.192
–1.226
–1.232
–1.220
–1.214
–1.208
–1.202
–1.196
–1.244
–1.238
75 100 125 150 175
0
–25
–50
25
3015 G08
50
VIN = –2.3V
IL = –1mA
TEMPERATURE (°C)
–75
–4.900
–5.050
–5.075
–5.025
–5.000
–4.975
–4.950
–4.925
–5.100
75 100 125 150 175
0
–25
–50
25
3015 G09
50
VIN = –5.5V
IL = –1mA
VOUT = –5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com