Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TY25MX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TY25MX
Description  Premium cable ties with steel locking barb Standard ties
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TY25MX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TY25MX Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.1
12
PRODUCT REF.
MIL SPEC.LENGTH
WIDTH
THICKNESS
BUNDLE DIAMETER
MINIMUM TENSILE
QUANTITY
TOOLING
LW
FROM
... TO
STRENGTH
[mm]
[mm]
[mm]
[mm]
[N]
[pieces]
TY23MX / TYB23MX
MS-3367-4
92
2.4
1.0
2 - 16
80
1000
TYB2315MX
–
178
2.4
1.0
2 - 32
80
1000
TY232MX
–
203
2.4
1.0
2 - 50
80
1000
ERG299
TY234MX
–
356
2.4
1.0
2 - 102
80
1000
WT193A
TY24MX / TYB24MX
MS-3367-5
140
3.6
1.1
2 - 29
130
1000
TR227
TY242MX
–
208
3.6
1.1
2 - 50
130
1000
TY26MX
–
284
3.6
1.1
2 - 76
130
1000
TY244MX
–
368
3.6
1.1
2 - 103
130
1000
TY25MX / TYB25MX
MS-3367-1
186
4.8
1.1
3.5 - 45
220
1000
ERG297
TY253MX
MS-3367-7
290
4.8
1.1
3.5 - 78
220
1000
ERG299
TY28MX
MS-3367-2
360
4.8
1.1
3.5 - 102
220
1000
WT193A, TR227
TY271MX
–
150
7.6
1.5
6 - 31
540
500
TY272MX
–
222
7.6
1.6
6 - 50
540
500
L-500-EU
TY27MX
MS-3367-3
340
7.0
1.6
6 - 90
540
500
ERG297
TY275MX
–
457
7.0
1.6
6 - 127
540
500
TY277MX
–
617
7.0
1.6
6 - 177
540
500
TY29MX
MS-3367-6
771
7.6
1.6
6 - 229
540
500
TY53510MX
–
889
8.1
1.7
to 254
780
50
WT3D
TY54513MX
–
1143
8.1
1.7
to 330
780
50
L-500-EU
Ordering Information: Polyamide 6.6 UV-stabilised cable ties
Technical Information
Material
Polyamide 6.6
Temperature range
-40°C to +85°C
Colour
Black
Flammability rating
UL 94 V-2
Other properties
UV-resistant, Halogen free, Silicone free
Premium cable ties with steel locking barb
Standard ties
Description of packing sizes: see page 10
Description of materials and properties: see pages 102 to 109
For tooling specifications, see pages 92 to 99
Approvals
TYPE
T Y P E
APPROVED
A P P R O V E D
E49405


Similar Part No. - TY25MX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TY200-120-100MC ETC-TY200-120-100MC Datasheet
209Kb / 2P
Cable Harnessing Accessories
26/05/05 V1.0
logo
Pro-Power
TY200-120-100MC PROPOWER-TY200-120-100MC Datasheet
209Kb / 2P
Cable Harnessing Accessories
26/05/05 V1.0
logo
List of Unclassifed Man...
TY200-120X-100MC ETC-TY200-120X-100MC Datasheet
209Kb / 2P
Cable Harnessing Accessories
26/05/05 V1.0
logo
Pro-Power
TY200-120X-100MC PROPOWER-TY200-120X-100MC Datasheet
209Kb / 2P
Cable Harnessing Accessories
26/05/05 V1.0
logo
List of Unclassifed Man...
TY200-18-100MC ETC-TY200-18-100MC Datasheet
209Kb / 2P
Cable Harnessing Accessories
26/05/05 V1.0
More results

Similar Description - TY25MX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
481-0102 ETC2-481-0102 Datasheet
105Kb / 2P
Standard Ties
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
logo
OEN India Limited
04-06100SS OENINDIA-04-06100SS Datasheet
67Kb / 1P
Stainless Steel Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
logo
Lapp.
61723351 LAPP-61723351 Datasheet
78Kb / 1P
Detectable Cable ties with steel nose (TY-RAP®)
31.08.2023
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com