Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM2004F Datasheet(PDF) 4 Page - AZ Displays

Part # ACM2004F
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM2004F Datasheet(HTML) 4 Page - AZ Displays

  ACM2004F Datasheet HTML 1Page - AZ Displays ACM2004F Datasheet HTML 2Page - AZ Displays ACM2004F Datasheet HTML 3Page - AZ Displays ACM2004F Datasheet HTML 4Page - AZ Displays ACM2004F Datasheet HTML 5Page - AZ Displays ACM2004F Datasheet HTML 6Page - AZ Displays ACM2004F Datasheet HTML 7Page - AZ Displays ACM2004F Datasheet HTML 8Page - AZ Displays ACM2004F Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACM2004F SERIES LCD MODULE
AZ DISPLAYS, INC.
10/02/01
3
4.1 OPTICAL CHARACTERISTICS (Ta=25ºC, Vdd= 5.0V±0.25V, STN LC fluid)
Item
Symbol
Condition
Min
Typ
Max
Unit
Viewing angle (horizontal)
θ
Cr
≥ 2.0
-60
-
35
deg
Viewing angle (vertical)
φ
Cr
≥ 2.0
-40
-
40
deg
Contrast Ratio
Cr
φ=0°, θ=0°
-
6
-
Response time (rise)
Tr
φ=0°, θ=0°
-
150
250
ms
Response time (fall)
Tf
φ=0°, θ=0°
-
150
250
ms
5.0 BLOCK DIAGRAM
LCD 20X4
U2
U1
SEG1- 40
SEG41- 120
SEG 1
SEG200
COM 16
8
LED BACKLIGHT
1. Vss
2. Vdd
3. Vo
4. RS
5. R/W
6. E
7. DB0
14. DB7
+ BL+
- BL-
U3
SEG121-200
40
80
80
16
COM 1
COM16



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com