Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1370IR Datasheet(PDF) 1 Page - Linear Technology

Part # LT1370IR
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370IR Datasheet(HTML) 1 Page - Linear Technology

  LT1370IR Datasheet HTML 1Page - Linear Technology LT1370IR Datasheet HTML 2Page - Linear Technology LT1370IR Datasheet HTML 3Page - Linear Technology LT1370IR Datasheet HTML 4Page - Linear Technology LT1370IR Datasheet HTML 5Page - Linear Technology LT1370IR Datasheet HTML 6Page - Linear Technology LT1370IR Datasheet HTML 7Page - Linear Technology LT1370IR Datasheet HTML 8Page - Linear Technology LT1370IR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1370
sn1370 1370fs
500kHz High Efficiency
6A Switching Regulator
The LT
®1370 is a monolithic high frequency current mode
switching regulator. It can be operated in all standard
switching configurations including boost, buck, flyback,
forward, inverting and “Cuk.” A 6A high efficiency switch
is included on the die, along with all oscillator, control and
protection circuitry.
The LT1370 typically consumes only 4.5mA quiescent
current and has higher efficiency than previous parts.
High frequency switching allows for very small inductors
to be used.
New design techniques increase flexibility and maintain
ease of use. Switching is easily synchronized to an exter-
nal logic level source. A logic low on the Shutdown pin
reduces supply current to 12µA. Unique error amplifier
circuitry can regulate positive or negative output voltage
while maintaining simple frequency compensation tech-
niques. Nonlinear error amplifier transconductance
reduces output overshoot on start-up or overload recov-
ery. Oscillator frequency shifting protects external com-
ponents during overload conditions.
DESCRIPTION
■ Faster Switching with Increased Efficiency
■ Uses Small Inductors: 4.7µH
■
All Surface Mount Components
■ Low Minimum Supply Voltage: 2.7V
■ Quiescent Current: 4.5mA Typ
■
Current Limited Power Switch: 6A
■ Regulates Positive or Negative Outputs
■ Shutdown Supply Current: 12µA Typ
■
Easy External Synchronization
■ Switch Resistance: 0.065Ω Typ
TYPICAL APPLICATION
FEATURES
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ Boost Regulators
■
Laptop Computer Supplies
■ Multiple Output Flyback Supplies
■ Inverting Supplies
APPLICATIONS
5V to 12V Boost Converter
LT1370
VIN
VC
5V
GND
FB
LT1370 • TA01
VSW
S/S
L1*
C1**
22µF
25V
C4**
22µF
25V
× 2
C2
0.047µF
C3
0.0047µF
R3
2k
R2
6.19k
1%
R1
53.6k
1%
VOUT
†
12V
D1
MBRD835L
ON
OFF
*
**
COILTRONICS
UP2-4R7 (4.7µH)
UP4-100 (10µH)
AVX TPSD226M025R0200
+
+
L1
4.7µH
10µH
IOUT
1.8A
2A
†MAX I
OUT
12V Output Efficiency
LOAD CURRENT (A)
0
80
84
82
86
88
90
1.0 1.2 1.4 1.6 1.8
0.2 0.4 0.6 0.8
2.0
LT1370 • TA02
92
VIN = 5V
L = 10µH


Similar Part No. - LT1370IR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1370IR LINER-LT1370IR Datasheet
293Kb / 16P
500kHz High Efficiency 6A Switching Regulator
More results

Similar Description - LT1370IR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1370 LINER-LT1370 Datasheet
293Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT1371 LINER-LT1371 Datasheet
320Kb / 16P
500kHz High Efficiency 3A Switching Regulator
logo
Micrel Semiconductor
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
logo
Linear Technology
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
500kHz High Efficiency 3A Switching Regulator
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
logo
Analog Microelectronics
AME5125 AME-AME5125 Datasheet
564Kb / 11P
High Efficiency 500KHz
logo
Feeling Technology Corp...
FP6276B FEELING-FP6276B Datasheet
638Kb / 12P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
FP6276 FEELING-FP6276 Datasheet
618Kb / 12P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5175 HMSEMI-HM5175 Datasheet
754Kb / 11P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com