Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS-367P Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTS-367P
Description  0.36 Single Digit Numeric LED Displays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-367P Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTS-367P Datasheet HTML 1Page - Lite-On Technology Corporation LTS-367P Datasheet HTML 2Page - Lite-On Technology Corporation LTS-367P Datasheet HTML 3Page - Lite-On Technology Corporation LTS-367P Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9-128
0.36" Single Digit
Numeric LED Displays
LTS-360
Series
Features
0.36 inch (9.14mm) digit height
Continuous uniform segments.
Choices of six bright colors-AlGaAs red/bright red/green/yellow/red orange/high efficiency red.
Low power requirement.
Excellent characters appearance.
High brightness.
Wide viewing angle.
Solid state reliability.
Categorized for luminous intensity.
I.C. compatiable.
Easy mounting on P.C. board.
Descriptions
The LTS-360 series are 0.36 inch (9.14mm) height single digit displays. AlGaAs red desplays has gray face and
white segments. Bright red and hight efficieny red displays have red face and red segments. Green, yellow AlGaAs
red and red orange displays have gray face and white segments.
The AlGaAs red seven segment displys are designed for applications requiring low power consumption. They are
tested and selected for their excellent low current characteristics to ensure that the segments are matched at low
current. Drive current as low as 1 mA per segment is available.
The AlGaAs red series devices utilize LED chips which are made from AlGaAs on a non-transparent GaAs
substrate. The bright red and green series devices utilize LED chips which are made from GaP on a transparent
GaPsubstrate. The yellow and red orange series devices utilize LED chips which are made from GaAsP on a
transparent GaP substrate.
Package Dimensions
A.LTS-360/367
B.LTS-368
Notes:All dimensions are in millimeters (inches). Tolerance:
0.25mm (0.01") unless otherwise noted.
14-360.p65
2000/7/11, ¤U¤È 06:43
Page 128
Adobe PageMaker 6.5C/Win


Similar Part No. - LTS-367P

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-367G LITEON-LTS-367G Datasheet
124Kb / 5P
0.36 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-367HR LITEON-LTS-367HR Datasheet
125Kb / 5P
COMMON CATHODE RT. HANDE DECIMAL
More results

Similar Description - LTS-367P

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-36X UOT-UVS-36X Datasheet
50Kb / 5P
0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Micro Electronics
MG136A-3 MICRO-ELECTRONICS-MG136A-3 Datasheet
56Kb / 2P
0.36 SINGLE DIGIT NUMBERIC DISPLAYS
logo
Everlight Electronics C...
ELS-315SURWA EVERLIGHT-ELS-315SURWA Datasheet
120Kb / 7P
0.36 Single Digit Displays
ELS-315SYGWA EVERLIGHT-ELS-315SYGWA Datasheet
109Kb / 6P
0.36 Single Digit Displays
ELS-316SURWA EVERLIGHT-ELS-316SURWA Datasheet
122Kb / 7P
0.36 Single Digit Displays
ELS-316SYGWA EVERLIGHT-ELS-316SYGWA Datasheet
114Kb / 6P
0.36 Single Digit Displays
ELS-316USOWA EVERLIGHT-ELS-316USOWA Datasheet
113Kb / 6P
0.36 Single Digit Displays
2007/5/7
logo
Lucky Light Electronic
KW1-361 LUCKY-LIGHT-KW1-361 Datasheet
47Kb / 1P
LED Numeric Display Single Digit (0.36")
logo
Everlight Electronics C...
ELS-315SURWA-S530-A3 EVERLIGHT-ELS-315SURWA-S530-A3 Datasheet
125Kb / 7P
0.36" Single Digit Displays
ELS-315SYGWA-S530-E2 EVERLIGHT-ELS-315SYGWA-S530-E2 Datasheet
115Kb / 6P
0.36" Single Digit Displays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com