Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM82 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM82
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM82 Datasheet(HTML) 2 Page - Abracon Corporation

  ABM82 Datasheet HTML 1Page - Abracon Corporation ABM82 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
|||| | | | |||| | | | |
3.2 x 2.5 x 0.7mm
Pb RoHS
Compliant
Dimensions:
mm
TAPE & REEL:
Dimensions: inch (mm)
OUTLINE DRAWING:
REFLOW PROFILE:
Need a test socket for the ABM8 Series? To view
compatible PRECISION TEST & BURN-IN SOCKETS
for these parts, click here.
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for
Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not specifically
designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high
reliability where component failure could result in loss of life and/or property. For applications requiring high
reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon
Corporation is required. Please contact Abracon Corporation for more information.
ABM8
ULTRA MINIATURE CERAMIC SMD CRYSTAL
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Option "-T"
: Tape and reel (1,000pcs/reel) : ABM8, ABM82
Tape and reel (3,000pcs/reel) : ABM81
Option "-T2" : Tape and reel (250pcspcs/reel) : ABM8
Option "-T3" : Tape and reel (3,000pcs/reel) : ABM8, ABM82 only
Revised: 03.07.12
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Table 2
Height (mm)
ABM8
0.80 max
ABM81
0.65+/-0.05
ABM82
0.60+/-0.10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com