Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG896 Datasheet(PDF) 80 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 80 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 76Page - Microsemi Corporation FG896 Datasheet HTML 77Page - Microsemi Corporation FG896 Datasheet HTML 78Page - Microsemi Corporation FG896 Datasheet HTML 79Page - Microsemi Corporation FG896 Datasheet HTML 80Page - Microsemi Corporation FG896 Datasheet HTML 81Page - Microsemi Corporation FG896 Datasheet HTML 82Page - Microsemi Corporation FG896 Datasheet HTML 83Page - Microsemi Corporation FG896 Datasheet HTML 84Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-64
Revision 13
Table 2-89 • 1.8 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.54
7.21
0.04
1.17
0.38
7.35
6.14
2.03
1.32
9.36
8.16
ns
–1
0.46
6.13
0.03
0.99
0.33
6.25
5.23
1.72
1.12
7.96
6.94
ns
4 mA
Std.
0.54
5.81
0.04
1.17
0.38
5.92
5.26
2.39
2.25
7.93
7.27
ns
–1
0.46
4.94
0.03
0.99
0.33
5.03
4.47
2.03
1.91
6.74
6.19
ns
6 mA
Std.
0.54
4.96
0.04
1.17
0.38
5.05
4.65
2.64
2.69
7.06
6.66
ns
–1
0.46
4.22
0.03
0.99
0.33
4.30
3.96
2.25
2.29
6.01
5.67
ns
8 mA
Std.
0.54
4.96
0.04
1.17
0.38
5.05
4.65
2.64
2.69
7.06
6.66
ns
–1
0.46
4.22
0.03
0.99
0.33
4.30
3.96
2.25
2.29
6.01
5.67
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-90 • 1.8 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.54
3.22
0.04
1.08
0.38
3.28
3.04
2.02
1.37
5.30
5.06
ns
–1
0.46
2.74
0.03
0.92
0.33
2.79
2.59
1.72
1.17
4.50
4.30
ns
4 mA
Std.
0.54
2.48
0.04
1.08
0.38
2.53
2.25
2.38
2.34
4.54
4.26
ns
–1
0.46
2.11
0.03
0.92
0.33
2.15
1.92
2.03
1.99
3.86
3.63
ns
6 mA
Std.
0.54
2.17
0.04
1.08
0.38
2.21
1.86
2.64
2.79
4.22
3.87
ns
–1
0.46
1.85
0.03
0.92
0.33
1.88
1.58
2.24
2.37
3.59
3.29
ns
8 mA
Std.
0.54
2.17
0.04
1.08
0.38
2.21
1.86
2.64
2.79
4.22
3.87
ns
–1
0.46
1.85
0.03
0.92
0.33
1.88
1.58
2.24
2.37
3.59
3.29
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com