Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS219B2-CS Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PS219B2-CS
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B2-CS Datasheet(HTML) 6 Page - Powerex Power Semiconductors

Back Button PS219B2-CS Datasheet HTML 2Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 3Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 4Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 5Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 6Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 7Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 8Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 9Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 10Page - Powerex Power Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PS219B2-S, PS219B2-AS, PS219B2-CS
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
6
12/11 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272 www.pwrx.com
*6 The DIPIPM does not automatically shutdown the IGBTs and fault signal when temperature rises excessively. When the temperature exceeds the protective level that is defined by the
user, the controller (MCU) should stop the DIPIPM. The temperature of LVIC vs. VOT output characteristics is shown in the following graph. VOT output may exceed 3.3V when the
temperature rises excessively, therefore, it is recommended for protection of the control part (MCU) to insert a clamp diode between the control supply (3.3V) and VOT output.
*7 Bootstrap Diode (@Ta = 25°C) Characteristics
LVIC TEMPERATURE, (°C)
LVIC TEMPERATURE VS. TEMPERATURE OUTPUT
CHARACTERISTICS
60
80
70
90
110
100
120
3.00
2.50
2.00
1.50
3.50
4.00
3.15
2.77
2.40
90±5°C
75±6°C
106±6°C
FORWARD VOLTAGE, V
F, (VOLTS)
FORWARD VOLTAGE-FORWARD CURRENT
CURVE FOR BOOTSTRAP
DIODE FORWARD VOLTAGE-FORWARD
CURRENT CURVE FOR BOOTSTRAP DIODE
(MAGNIFIED VIEW)
0 1 2 3 4 5 6 7 8 9 101112131415
40
0
80
160
140
120
100
60
20
FORWARD VOLTAGE, V
F, (VOLTS)
0
0.5
1.0 1.5 2.0 2.5 3.0 3.5
5
0
15
10
30
25
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com