Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS219B3-AS Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PS219B3-AS
Description  Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B3-AS Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PS219B3-AS Datasheet HTML 1Page - Powerex Power Semiconductors PS219B3-AS Datasheet HTML 2Page - Powerex Power Semiconductors PS219B3-AS Datasheet HTML 3Page - Powerex Power Semiconductors PS219B3-AS Datasheet HTML 4Page - Powerex Power Semiconductors PS219B3-AS Datasheet HTML 5Page - Powerex Power Semiconductors PS219B3-AS Datasheet HTML 6Page - Powerex Power Semiconductors PS219B3-AS Datasheet HTML 7Page - Powerex Power Semiconductors PS219B3-AS Datasheet HTML 8Page - Powerex Power Semiconductors PS219B3-AS Datasheet HTML 9Page - Powerex Power Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PS219B3-S, PS219B3-AS, PS219B3-CS
Intellimod™ Module
Dual-In-Line Intelligent Power Module
10 Amperes/600 Volts
5
12/11 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272 www.pwrx.com
Electrical and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Inverter Part
Collector-Emitter Saturation Voltage
VCE(sat)
VD = VDB = 15V, IC = 10A, VIN = 5V, Tj = 25°C
—
1.50
2.00
Volts
VD = VDB = 15V, IC = 10A, VIN = 5V, Tj = 125°C
—
1.60
2.10
Volts
Diode Forward Voltage
VEC
-IC = 10A, VIN = 0V
—
1.70
2.20
Volts
Switching Times
ton
0.75
1.35
1.95
µs
trr
VCC = 300V, VD = VDB = 15V,
—
0.30
—
µs
tC(on)
IC = 10A, Tj = 125°C,
—
0.35
0.55
µs
toff
VIN = 0 ⇔ 5V, Inductive Load
—
1.40
2.00
µs
tC(off)
—
0.30
0.60
µs
Collector-Emitter Cutoff Current
ICES
VCE = VCES, Tj = 25°C
—
—
1.0
mA
VCE = VCES, Tj = 125°C
—
—
10
mA
Control (Protection) Part
Circuit Current
ID
VIN = 0V, VD = 15V
Total of VP1-VNC, VN1-VNC
—
—
2.80
mA
VIN = 5V, VD = 15V
Total of VP1-VNC, VN1-VNC
—
—
2.80
mA
IDB
VIN = 0V, VD = VDB = 15V
Each Part of VUFB-U, VVFB-V, VWFB-W
—
—
0.10
mA
VIN = 5V, VD = VDB = 15V
Each Part of VUFB-U, VVFB-V, VWFB-W
—
—
0.10
mA
Fault Output Voltage
VFOH
VSC = 0V, FO Terminal Pull-up to 5V by 10kΩ
4.9
—
—
Volts
VFOL
VSC = 1V, IFO = 1mA
—
—
0.95
Volts
Input Current
IIN
VIN = 5V
0.70
1.00
1.50
mA
Short Circuit Trip Level
VSC(ref)
VD = 15V*4
0.43
0.48
0.53
Volts
Temperature Output
VOT
LVIC Temperature = 90°C
2.63
2.77
2.91
Volts
Pull Down R = 5kΩ*6
LVIC Temperature = 25°C
0.88
1.13
1.39
Volts
Control Supply
UVDBt
Trip Level, Tj ≤ 125°C
7.0
10.0
12.0
Volts
Under-voltage Protection
UVDBr
Reset Level, Tj ≤ 125°C
7.0
10.0
12.0
Volts
UVDt
Trip Level, Tj ≤ 125°C
10.3
—
12.5
Volts
UVDr
Reset Level, Tj ≤ 125°C
10.8
—
13.0
Volts
Fault Output Pulse Width*5
tFO
20
—
—
µs
ON Threshold Voltage
Vth(on)
Applied between
—
2.1
2.6
Volts
OFF Threshold Voltage
Vth(off)
UP, VP, WP-VNC,
0.8
1.3
—
Volts
ON/OFF Threshold Hysteresis Voltage
Vth(hys)
UN, VN, WN-VNC
0.35
0.65
—
Volts
Bootstrap Diode Forward Voltage*7
VF
IF = 10mA,
1.1
1.7
2.3
Volts
Including Voltage Drop by Limiting Resistor
Built-in Limiting Resistance
R
For Bootstrap Circuit
80
100
120
Ω
*4 Short Circuit protection is functioning only for N-side IGBTs. Please select the value of the external shunt resistor such that the SC trip level is less than 1.7 times the current rating.
*5 Fault signal, FO, outputs when SC or UV protection works. FO pulse width is different for each protection mode. At SC failure, FO pulse width is a fixed width (=min. 20µs), however, at UV
failure, FO outputs continuously until recovering from UV state. Minimum FO pulse width is 20µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com