Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021CPWLE Datasheet(PDF) 47 Page - Texas Instruments

Part # TLE2021CPWLE
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2021CPWLE Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLE2021CPWLE Datasheet HTML 43Page - Texas Instruments TLE2021CPWLE Datasheet HTML 44Page - Texas Instruments TLE2021CPWLE Datasheet HTML 45Page - Texas Instruments TLE2021CPWLE Datasheet HTML 46Page - Texas Instruments TLE2021CPWLE Datasheet HTML 47Page - Texas Instruments TLE2021CPWLE Datasheet HTML 48Page - Texas Instruments TLE2021CPWLE Datasheet HTML 49Page - Texas Instruments TLE2021CPWLE Datasheet HTML 50Page - Texas Instruments TLE2021CPWLE Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGH-SPEED LOW-POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191D − FEBRUARY 1997 − REVISED NOVEMBER 2010
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 47
See Figure 1
RL = 20 kΩ
CL = 30 pF
0.8
0.6
0.4
0.2
100
75
50
25
0
−25
−50
0
125
1
TA − Free-Air Temperature − °C
−75
VCC± = ±15 V
VCC = 5 V
TLE2021
SLEW RATE†
vs
FREE-AIR TEMPERATURE
Figure 48
−75
TA − Free-Air Temperature − °C
1
125
0
−50 −25
0
25
50
75
100
0.2
0.4
0.6
0.8
VCC± = ±15 V
VCC = 5 V
CL = 30 pF
RL = 20 kΩ
See Figure 1
TLE2022
SLEW RATE†
vs
FREE-AIR TEMPERATURE
Figure 49
−75
TA − Free-Air Temperature − °C
1
125
0
−50 −25
0
25
50
75
100
0.2
0.4
0.6
0.8
CL = 30 pF
RL = 20 kΩ
See Figure 1
VCC± = ±15 V
VCC = 5 V
TLE2024
SLEW RATE†
vs
FREE-AIR TEMPERATURE
Figure 50
See Figure 4
TA = 25°C
CL = 30 pF
RL = 10 kΩ
VCC± = ±15 V
50
0
−50
60
40
20
0
−100
80
100
t − Time − μs
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com