Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # LCE
Description  Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

LCE Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  LCE Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - LCE Series
Ratings and Characteristic Curves
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
0.1
1
10
100
1000
0.0000010.00001
0.00010.001
t
d-Pluse Width (Sec.)
0
25
50
75
100
02550751
T
L-Lead Temperature (ºC
Peak Power
(Single Pulse)
0
0
50
100
150
1.02.0
3.04.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
as the point where the peak
current decays to 5 0% of IPPM
10/1000µsec. Waveform
td
t-Time (ms)
Half Value
IPPM
( )
Application Note:
Device must be used
with two units in parrellel, opposite in polarity
as shown on circuit for AC signal lin
protection.
Low Capacitance
TVC
+
+
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0255075100 125150 175200
T
L-Lead Temperature (ºC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com