Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC10 Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # SAC10
Description  Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SAC10 Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  SAC10 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SAC10 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SAC10 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SAC10 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SAC10 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SAC10 Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd SAC10 Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - SAC Series
Features
Mechanical Characteristics
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation by 10x1000μs test waveform
(Fig.1)(Note 1)
PPPM
500
Watts
Steady State Power Dissipation on
inifinite heat sink at TL=75°C (Fig. 5)
P
D
3
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
Unidirectional only (Note 2)
IFSM
70
Amps
Maximum Instantaneous Forward Voltage at 25A for
Unidirectional only (Note 3)
V
F
3.5/5.0
V
Operating junction and Storage Temperature Range.
TJ,TSTG
-55°C to 175°C
°C
Typical Thermal Resistance Junction to Lead
RuJL
20
°C/W
Typical Thermal Resistance Junction
to Ambient
RuJA
75
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum.
3. VF<3.5V for devices of VBR < 200V and VF<5.0V for devices of VBR > 201V.
1. Halogen-free
2. Rohs compliant
3. Typical maximum temperature coefficient
4. ΔVBR =0.1%xVBR@25°C x ΔT
5. Glass passivated Chip junction in DO-15 package
6. 800W peak pulse capadility at 10x1000μs waveform,repetition rate (duty
cycles):0.01%
7. Fast response time:typically less than 1.0ps from 0 Volts to BV min
8. Excellent clamping capability
9. Low incremental surge resistance
10. Typical IR less than 5μA above 11V
11. High temperature soldering guaranteed: 260°C/40 seconds / 0.375”,
\(9.5mm) lead length, 5lbs., (2.3kg)tension
12. Plastic package has underwriters laboratory flammability classification
94v-0
TVS devices are ideal for the protection of I/O interfaces,VCC bus and other vulnerable circuits used in telecom, computer,
industrial and consumer electronic applications.
UNI
Applications
UNI
Anode
Cathode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com