| Electronic Components Datasheet Search |
|
TLE2022CD Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2022CD Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 77 page ![]() TLE2022 operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS C SUFFIX I SUFFIX M SUFFIX UNIT PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT SR Slew rate at unity gain VO = 1 V to 3 V, See Figure 1 0.5 0.5 0.5 V/μs V Equivalent input noise voltage f = 10 Hz 21 50 21 50 21 nV/√Hz Vn Equivalent input noise voltage (see Figure 2) f = 1 kHz 17 30 17 30 17 nV/√Hz V Peak to peak equivalent input noise voltage f = 0.1 to 1 Hz 0.16 0.16 0.16 V VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 to 10 Hz 0.47 0.47 0.47 μV In Equivalent input noise current 0.1 0.1 0.1 pA/√Hz B1 Unity-gain bandwidth See Figure 3 1.7 1.7 1.7 MHz φm Phase margin at unity gain See Figure 3 47° 47° 47° TLE2022 operating characteristics at specified free-air temperature, VCC = ±15 V PARAMETER TEST CONDITIONS T C SUFFIX† I SUFFIX† M SUFFIX† UNIT PARAMETER TEST CONDITIONS TA MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT SR Slew rate at unity gain V ±10 V See Figure 1 25°C 0.45 0.65 0.45 0.65 0.45 0.65 V/ s SR Slew rate at unity gain VO = ±10 V, See Figure 1 Full range 0.45 0.42 0.4 V/μs V Equivalent input noise f = 10 Hz 25°C 19 50 19 50 19 nV/√Hz Vn Equivalent input noise voltage (see Figure 2) f = 1 kHz 25°C 15 30 15 30 15 nV/√Hz V Peak-to-peak equivalent f = 0.1 to 1 Hz 25°C 0.16 0.16 0.16 V VN(PP) Peak to peak equivalent input noise voltage f = 0.1 to 10 Hz 25°C 0.47 0.47 0.47 μV In Equivalent input noise current 25°C 0.1 0.1 0.1 pA/√Hz B1 Unity-gain bandwidth See Figure 3 25°C 2.8 2.8 2.8 MHz φm Phase margin at unity gain See Figure 3 25°C 52° 52° 52° † Full range is 0°C to 70°C for the C−suffix devices, −40°C to 85°C for the I suffix devices and −55°C to 125°C for the I−suffix devices. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |