| Electronic Components Datasheet Search |
|
TLE2022IP Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2022IP Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 77 page ![]() TLE202x, TLE202xA, TLE202xB, TLE202xY EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS SLOS191D − FEBRUARY 1997 − REVISED NOVEMBER 2010 31 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2022Y electrical characteristics, VCC = 5 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS TLE2022Y UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Input offset voltage 150 600 μV Input offset voltage long-term drift (see Note 4) V 0 R 50 Ω 0.005 μV/mo IIO Input offset current VIC = 0, RS = 50 Ω 0.5 nA IIB Input bias current 35 nA VICR Common-mode input voltage range RS = 50 Ω − 0.3 to 4 V VOH Maximum high-level output voltage R 10 kΩ 4.3 V VOL Maximum low-level output voltage RL = 10 kΩ 0.7 V AVD Large-signal differential voltage amplification VO = 1.4 to 4 V, RL= 10 kΩ 1.5 V/μV CMRR Common-mode rejection ratio VIC = VICR min, RS = 50 Ω 100 dB kSVR Supply-voltage rejection ratio (ΔVCC± /ΔVIO) VCC = 5 V to 30 V 115 dB ICC Supply current VO = 2.5 V, No load 450 μA NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. TLE2022Y operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TLE2022Y UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SR Slew rate at unity gain VO = 1 V to 3 V, See Figure 1 0.5 V/μs V Equivalent input noise voltage (see Figure 2) f = 10 Hz 21 nV/√H Vn Equivalent input noise voltage (see Figure 2) f = 1 kHz 17 nV/√Hz V Peak to peak equivalent input noise voltage f = 0.1 to 1 Hz 0.16 V VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 to 10 Hz 0.47 μV In Equivalent input noise current 0.1 pA/√Hz B1 Unity-gain bandwidth See Figure 3 1.7 MHz φm Phase margin at unity gain See Figure 3 47° |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |