Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLTS062B Datasheet(PDF) 1 Page - Texas Instruments

Part # SLTS062B
Description  The PT6930 Excalibur series of 8-A dual-output ISRs are designed to power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS062B Datasheet(HTML) 1 Page - Texas Instruments

  SLTS062B Datasheet HTML 1Page - Texas Instruments SLTS062B Datasheet HTML 2Page - Texas Instruments SLTS062B Datasheet HTML 3Page - Texas Instruments SLTS062B Datasheet HTML 4Page - Texas Instruments SLTS062B Datasheet HTML 5Page - Texas Instruments SLTS062B Datasheet HTML 6Page - Texas Instruments SLTS062B Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6930 Series
Standard Application
8-A 5V-Input Dual-Output
Integrated Switching Regulator
Ordering Information
PT6931
o = +3.3 Volts
+2.5/1.8 Volts
PT6932
o = +3.3 Volts
+1.5/1.2 Volts
PT6933
o = +3.3 Volts
+1.8/1.2 Volts
C1/C2 =Req’d 330µF electrolytic (See table footnotes)
C3 =Optional 100µF electrolytic
Features
• Dual Outputs:
+3.3V/2.5V
+3.3V/1.5V
+3.3V/1.8V
• Adjustable Output Voltages
• Remote Sense (both outputs)
• Standby Function
• Over-Temperature Protection
• Soft-Start
• Internal Sequencing
• 23-pin Excalibur™ Package
Pin Function
1Vo1 Sense
2
No Connect
3
STBY
4VIN
5VIN
6VIN
7
GND
8
GND
9
GND
10
GND
11
GND
12
Vo1
Pin
Function
13
Vo1
14
Vo1
15
Vo1
16
Vo1 Adjust
17
No Connect
18
Vo2
19
Vo2
20
Vo2
21
Vo2
22
Vo2 Sense
23
Vo2 Adjust*
Pin-Out Information
Description
The PT6930 Excalibur™ series of 8-A
dual-output ISRs are designed to power
DSP ICs. Both output voltages are inde-
pendently adjustable with external resistors.
The second output may also be set to an
alternate lower bus voltage with a simple
pin strap. Internal power sequencing of
both outputs, during both power-up and
power-down, meets the requirements of
most DSP chipsets.
PT6930
C
2
+
GND
V
IN
GND
4,5,6
7-11
12-15
18-21
16
C
1
22
C
3
+
23
1
3
STBY
Vo
2 Sense
Vo
1 Sense
Vo
1
Vo
2
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
(For dimensions and PC board layout, see
Package Styles 1320 and 1330).
SLTS062B
(Revised 7/20/2001)
* Note:Vo1 & Vo2 Adjust can be pin-strapped to an
alternative lower bus voltage. Consult the voltage
adjustment application note for more information.
Specifications
Characteristics
PT6930 SERIES
(T
a= 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io1, Io2
Ta = +60°C, 200 LFM, pkg N
Vo1 =3.3V
0.1 (1)
—5.5 (2)
Vo2 =2.5V
0
—
2.2 (2)
Vo2 =1.8V
0
—
1.75 (2)
A
Vo2 =1.5V
0
—
1.45 (2)
Vo1 =1.2V
0
—
1.2 (2)
Ta = +25°C, natural convection
Vo1 =3.3V
0.1 (1)
—6.0 (2)
A
Vo2 =2.5V
0
—
2.2 (2)
Vo2 =1.8V
0
—
1.75 (2)
A
Vo2 =1.5V
0
—
1.45 (2)
Vo1 =1.2V
0
—
1.2 (2)
Input Voltage Range
Vin
0.1A
≤ Io ≤ Ityp
4.5
—
5.5
V
Output Voltage Tolerance
∆Vo
Vin = +5V, Io =Ityp, both outputs
Vo-0.1
—
Vo+0.1
V
0°C
≤ Ta ≤ +65°C
Line Regulation
Regline
4.5V
≤ Vin ≤ 5.5V, Io =Ityp
Vo1
—
±7
±17
V
Vo2
—
±7
±13
Load Regulation
Regload
Vin = +5V, 0.1 ≤ Io ≤ Ityp
Vo1
—
±17
±33
mV
Vo2
—
±4
±10
Vo Ripple/Noise
Vn
Vin = +5V, Io =Ityp
Vo1
—50
—
mV
Vo2
—25
—
Transient Response
ttr
Io step between 0.5xItyp and Ityp
—
25
—
µSec
with C2 = 330µF
Vos
Vo over/undershoot
Vo1
—60
—
mV
Vo2
—60
—
Efficiency
η
Vin = +5V, Io =4A total
—
75
—
%
Switching Frequency
ƒo
4.5V
≤ Vin ≤5.5V
475
600
725
kHz
0.1A
≤ Io ≤ Ityp
(Continued)
Not Recommended For New Designs


Similar Part No. - SLTS062B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS060A TI1-SLTS060A Datasheet
475Kb / 3P
12V 2 Amp Positive Step-Down Integrated Switching Regulator
SLTS061A TI-SLTS061A Datasheet
488Kb / 3P
1.5 Amp Negative Step-Down Integrated Switching Regulator
SLTS061A TI1-SLTS061A Datasheet
701Kb / 8P
Self-Contained Inductor
More results

Similar Description - SLTS062B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM01-2064 ITT-CCM01-2064 Datasheet
170Kb / 2P
Available with 8 contacts which are designed to give a consistently reliable normal force over the life of the connector.
logo
JMK Inc.
0681 JMK-0681 Datasheet
187Kb / 1P
The 0681 Series Filters are designed to be used with switching power supplies, required to meet the emission specifications of VDE level "B"||" "321566
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/10
logo
Littelfuse
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
logo
Allegro MicroSystems
A4952 ALLEGRO-A4952 Datasheet
292Kb / 11P
Designed for pulse width modulated (PWM) control of DC motors, the A4952 and A4953 are capable of peak output currents to 짹2 A and operating voltages to 40 V.
logo
TEMEX
ROX5242T2 TEMEX-ROX5242T2 Datasheet
445Kb / 2P
The ROX5242T2 belongs to a range of super single oven OCXOs designed
logo
TE Connectivity Ltd
408-10414 TEC-408-10414 Datasheet
167Kb / 5P
The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
logo
Laird Tech Smart Techno...
BTM410 LSTD-BTM410 Datasheet
1Mb / 25P
modules from Laird are designed to meet the needs of developers who wish to add robust
logo
Abracon Corporation
AFS14-EVAL ABRACON-AFS14-EVAL Datasheet
2Mb / 2P
AFS14 Evaluation boards are designed to provide a means to assess the performance
01.23.15
logo
TE Connectivity Ltd
408-10274 TEC-408-10274 Datasheet
145Kb / 5P
The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
logo
Linx Technologies
ANT-418-YG5-N LINX-ANT-418-YG5-N Datasheet
185Kb / 1P
The YG Series of Yagi antennas are designed
12-21-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com